Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-7GL Datasheet(PDF) 2 Page - Sumida Corporation

Part # P-7GL
Description  IFT COILS < Pin Type: P-7 Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-7GL Datasheet(HTML) 2 Page - Sumida Corporation

  P-7GL Datasheet HTML 1Page - Sumida Corporation P-7GL Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: P-7GL/AM, P-7GL/FM, P-7GL/MW, P-7GL/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type: P-7 Series>
◆ Specification(P-7GL/AM)
(Part No. S01085041)
◆ Specification( P-7GL/FM)
(Part No. 2132-T003)
Item
(3-1)
Measuring Condition
Frequency
10.7MHz±2%
Variable
Unloaded Q
60
Min.
10.7MHz
Capacity(Int.)
100pF±10 %
Within
Ext. stray capacity 5pF between (3-1) at measuring.
◆ Specification( P-7GL/MW)
(Part No. S01085055)
◆ Specification( P-7GL/SW)
(Part No. S01080168)
Item
(1-3)
Measuring Condition
Frequency
455kHz±3% Variable
Unloaded Q
50
Min.
455kHz
Capacity(Int.)
180pF±10% Within
Ext. stray capacity 5pF between (1-3) at measuring.
Item
(1−3)
Measuring Condition
Inductance
130μH ±
4%
Variable
796KHz
Unloaded Q
60
Min.
796KHz
Item
(2−3)
Measuring Condition
Inductance
3.1 mH ±
5%
Variable
252 KHz
Unloaded Q
40
Min.
252 KHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com