Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33405607 Datasheet(PDF) 2 Page - Aptiv

Part # 33405607
Description  HDK 1.2 SEALED SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

33405607 Datasheet(HTML) 2 Page - Aptiv

  33405607 Datasheet HTML 1Page - Aptiv 33405607 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
aptiv.com | © 2023 Aptiv. All rights reserved
Part numbers, specifications, dimensions and performance data in this document are for general references only and are subject to change without notice.
To verify product information, please contact an Aptiv representative.
CS-SP73-HDK-En1123
Cavity
count
Blade size
(mm)
Gender
Dimensions
W x H x D (mm)
Part number
Index
Housing
color
TPA color
2
1.2
F
14.8 x 17 x 31.5
33405607
A
Black
Violet
2
1.2
F
14.8 x 17 x 31.5
33405608
B
Black
Blue
2
1.2
F
14.8 x 17 x 31.5
33405609
C
Black
White
COMPATIBLE SEALS
DIMENSION MEASUREMENT SAMPLE
COMPATIBLE WITH
EXPLODED VIEW
HDK 1.2 Series Terminals
Strain Relief
Connection Position
Assurance (CPA)
with SLS technology
Terminal Position Assurance (TPA) /
Secondary locking
Housing
Seal
Type
Applicable Wire Size
(mm²)
Color
Restraint
Ring
Part Number
Cable Seal
0.5 - 1.0
Green
Yes
13887350
Cavity Plug
N/A
Blue
Yes
13887353
Cable Seal
0.5 -1.0
Gray
No
15327918
Cable Seal
1.0 - 1.5
Yellow
No
15460621
Cavity Plug
N/A
White
No
12198198
Please, contact an Aptiv representative for the full part number list.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com