Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-7LCAM Datasheet(PDF) 2 Page - Sumida Corporation

Part # P-7LCAM
Description  IFT COILS< Pin Type:P-7 Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-7LCAM Datasheet(HTML) 2 Page - Sumida Corporation

  P-7LCAM Datasheet HTML 1Page - Sumida Corporation P-7LCAM Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: P-7LC/FM, P-7LC/AM, P-7LC/MW, P-7LC/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS< Pin Type:P-7 Series>
◆ Specification (P-7LC/FM) (Part No. 2165-T046)
◆ Specification (P-7LC/AM) (Part No. 2164-T030)
Item
(1-3)
Measuring Conditions
Tuning Frequency
455kHz±2% Variable
Unloaded Qu
Min.60
455kHz
INT. Capacity
180pF±10%
Ext. stray capacity 0pF between (1-3) at measuring.
◆ Specification (P-7LC/MW) (Part No. 2166-T033)
Item
(1-3)
Measuring Conditions
Inductance
270μH ± 3%
Variable
796kHz
Unloaded Qu
60 Min.
796kHz
◆ Specification (P-7LC/SW) (Part No. 2167-T015)
Item
(4-6)
Measuring Conditions
Inductance
32μH ± 1% Variable
2.52MHz
Unloaded Qu
40 Min.
2.52MHz
Item
(4-6)
Measuring Condition
Tuning frequency
4.5MHz±2% Variable
Unloaded Qu
40 Min.
4.5MHz
Capacity(Int.)
51pF±10% Within
Ext. stray capacity 4pF between (4-6) at measuring.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com