Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-7LCSW Datasheet(PDF) 1 Page - Sumida Corporation

Part # P-7LCSW
Description  IFT COILS< Pin Type:P-7 Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-7LCSW Datasheet(HTML) 1 Page - Sumida Corporation

  P-7LCSW Datasheet HTML 1Page - Sumida Corporation P-7LCSW Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type: P-7LC/FM, P-7LC/AM, P-7LC/MW, P-7LC/SW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/2
IFT COILS< Pin Type:P-7 Series>
◆ Product Description
・5.9×5.9mm Max.(L×W), 6.5mm Max. Height.
・Inductance:1~820μH Max.
・Operating frequency:20MHz Max.
・In addition to the reference versions of parameters shown here, custom designs
are available to meet your exact requirements
◆ Feature
・Variable shielded type.
・AM, FM,MW,SW types are available.
・Internally assembled condenser is available.
・Ideally used in Radio (AM,FM,MW,SW),TV. Transceiver
・RoHS Compliance
◆ Dimensions (mm)
* Dimension does not include solder used on coil.
* Pin pitch shall be measured at the root of terminal.
* Dimension without tolerance are approx.
◆ Connection (Bottom View)
P-7LC/FM
P-7LC/AW
P-7LC/MW
P-7LC/SW
“S” is winding start.
①
②
③
④
⑥
S
MAX. 8.0
3.0 ±0.5
4.5 ± 0.1 5
8.0
3.3 ±0.3
7.8 ±0.3
ST A
①
②
③
④
⑥
S
①
②
③
④
⑥
S
①
②
③
④
⑥
S


Similar Part No. - P-7LCSW

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
P-7LCM SUMIDA-P-7LCM Datasheet
30Kb / 1P
IFT COILS
More results

Similar Description - P-7LCSW

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
MG56 SUMIDA-MG56 Datasheet
32Kb / 1P
IFT COILS < Pin Type: MG Series>
SM-118 SUMIDA-SM-118 Datasheet
35Kb / 1P
IFT COILS
P-7GB SUMIDA-P-7GB Datasheet
43Kb / 2P
IFT COILS
PG57 SUMIDA-PG57 Datasheet
62Kb / 2P
IFT COILS < Pin Type: PG Series>
PG78 SUMIDA-PG78 Datasheet
67Kb / 2P
IFT Coils < Pin Type: PG Series>
P-7GL SUMIDA-P-7GL Datasheet
42Kb / 2P
IFT COILS < Pin Type: P-7 Series>
P-7GJ SUMIDA-P-7GJ Datasheet
36Kb / 2P
IFT COILS < Pin Type: P-7 Series>
P-5LG SUMIDA-P-5LG Datasheet
62Kb / 2P
IFT COILS < Pin Type: P-5 Series>
P-4SBAM SUMIDA-P-4SBAM Datasheet
37Kb / 1P
IFT COILS< Pin Type: P-4 Series>
PG78 SUMIDA-PG78_1 Datasheet
186Kb / 2P
IFT Coils < Pin Type: PG Series>
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com