Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC40161B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC40161B
Description  SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC40161B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC40161B Datasheet HTML 1Page - STMicroelectronics HCC40161B Datasheet HTML 2Page - STMicroelectronics HCC40161B Datasheet HTML 3Page - STMicroelectronics HCC40161B Datasheet HTML 4Page - STMicroelectronics HCC40161B Datasheet HTML 5Page - STMicroelectronics HCC40161B Datasheet HTML 6Page - STMicroelectronics HCC40161B Datasheet HTML 7Page - STMicroelectronics HCC40161B Datasheet HTML 8Page - STMicroelectronics HCC40161B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
HCC/HCF40160B-40161B
HCC/HCF40162B-40163B
September 1988
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
EY
(Plastic Package)
DESCRIPTION
ORDER CODES :
HCC40XXXBF
HCF40XXXBEY
HCF40XXXBC1
F
(Ceramic Package)
C1
(Chip Carrier)
PIN CONNECTIONS
The HCC40160B, 40161B, 40162B, 40163B (ex-
tended temperature range) and HCF40160B,
40161B, 40162B, 40163B (intermediate tempera-
ture range) are monolithic integrated circuits, avail-
able in 16-lead dual in line plastic or ceramic
package and plastic micropackage.
HCC/HCF40160B, 40161B, 40162B and 40163B
are 4-bit synchronous programmable counters. The
CLEAR function of the HCC/HCF40162B and
40163B is synchronous and a low on the at the clear
CLEAR input sets all four outputs low on the next
positive CLOCK edge. The CLEAR function of the
HCC/HCF40160B and 40161B is asynchronous
and a low level at the CLEAR input sets all four out-
puts low regardless of the state of the CLOCK,
LOAD or ENABLE inputs. A low level at the LOAD
input disables the counter and causes the output to
agree with the set-up data after the next CLOCK
pulse regardless of the conditions of the ENABLE in-
.
INTERNAL LOOK-AHEAD FOR FAST COUNT-
ING
.
CARRY OUTPUT FOR CASCADING
.
SYNCHRONOUSLY PROGRAMMABLE
.
LOW-POWER TTL COMPATIBILITY
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED AT 20V
FOR HCC DEVICE
.
5V, 10V AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25oC
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N. 13A, ” STANDARD
SPECIFICATIONS FOR DESCRIPTION OF B
SERIES CMOS DEVICES ”
40160B - DECADE WITH ASYNCHRONOUS
CLEAR
40161B - BINARY WITH ASYNCHRONOUS
CLEAR
40162B - DECADE WITH SYNCHRONOUS
CLEAR
40163B - BINARY WITH SYNCHRONOUS
CLEAR
M1
(Micro Package)
1/15


Similar Part No. - HCC40161B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC40161B STMICROELECTRONICS-HCC40161B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC40161BD STMICROELECTRONICS-HCC40161BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC40161BK STMICROELECTRONICS-HCC40161BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results

Similar Description - HCC40161B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
9316 NSC-9316 Datasheet
164Kb / 10P
Synchronous 4-Bit Counters
DM54161 NSC-DM54161 Datasheet
176Kb / 10P
Synchronous 4-Bit Counters
logo
Texas Instruments
SN54160 TI-SN54160 Datasheet
756Kb / 23P
SYNCHRONOUS 4-BIT COUNTERS
logo
Intersil Corporation
CD40160BMS INTERSIL-CD40160BMS Datasheet
156Kb / 13P
CMOS Synchronous Programmable 4-Bit Counters
December 1992
logo
STMicroelectronics
HCC40160B-40161B STMICROELECTRONICS-HCC40160B-40161B Datasheet
320Kb / 15P
SYNCHRONOUS PROGRAMMABLE 4-BIT COUNTERS
Sep-1988
logo
Texas Instruments
CD40160B TI-CD40160B Datasheet
552Kb / 13P
CMOS Synchronous Programmable 4-Bit Counters
SNJ54LS163AJ TI-SNJ54LS163AJ Datasheet
1Mb / 25P
SYNCHRONOUS 4-BIT COUNTERS
CD40160B TI1-CD40160B_15 Datasheet
958Kb / 17P
CMOS Synchronous Programmable 4-Bit Counters
DM54161 TI1-DM54161_11 Datasheet
426Kb / 12P
Synchronous 4-Bit Counters
SN54160 TI1-SN54160_12 Datasheet
1Mb / 25P
SYNCHRONOUS 4-BIT COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com