Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # LM358
Description  contains two independent high gain operational amplifiers with internal compensation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM358 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  LM358 Datasheet HTML 1Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 2Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 3Page - Estek Electronics Co. Ltd LM358 Datasheet HTML 4Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LM358
Electrical Characteristics
at specified free-air temperature, Vcc = 5 V (unless otherwise noted)
Symbol
Parameter
Test conditions*
VIO
Input offset voltage
Vcc = 5 V to MAX,
LM358
Min
Typ
Max
25 °
С
3
7
Units
mV
αV
IO
Average temperature coefficient of input
offset voltage
VIC = VICR min,
Vo=1.4 V
Full range
9
Full range
7
µV/°C
lIO
Input offset current
Vo=1.4 V
25 °
С
2
50
Full range
150
nA
αlIO
Average temperature coefficient of input
offset current
Full range
10
pA/°C
IIB
Input bias current
Vo=1.4 V
VICR
Common-mode input voltage range
Vcc = 5 V to MAX
25 °
С
-20
-250
Full range
-500
25°
С
0 to Vcc-1.5
Full range
0 to Vcc - 2
nA
V
VOH
High-level output voltage
RL
≥2 KΩ
25 °
С
Vcc-1.5
Vcc = MAX, RL=2 kΩ
Full range
26
V
Vcc = MAX,
RL ≥ 10 kΩ
Full range
27
28
VOL
Low-level output voltage
RL ≥ 10 kΩ
Full range
5
20
mV
AVD
Large-signal differential voltage
amplification
Vcc = 15 V,
Vo=1V to 11 V,
RL ≥ 2 kΩ
25 °
С
25
100
Full range
15
V/mV
CMRR
Common-mode rejection ratio
Vcc = 5 V to MAX,
VIC = VICR min
25 °
С
65
80
dB
kSVR
Supply voltage rejection ratio
(
∆Vcc/∆V
IO)
Vcc = 5 V to MAX
25 °
С
65
100
dB
Vo1 /Vo2
Crosstalk attenuation
f=1 kHz to 20 kHz
25 °
С
120
dB
lo
Output current
Vcc = 15 V,
25 °
С
-20
-30
mA
VID=1 V,VO= 0
Full range
-10
Vcc = 15 V,
25 °
С
10
20
VID = - 1 V, Vo = 15 V
Full range
5
VID = - 1 V,
Vo =200 mV
lOS
Short-circuit output current
Vcc at 5 V,
GND at -5 V,Vo=0
25 °
С
12
30
µA
25 °
С
±40
±60
mA
ICC
Supply current (two amplifiers)
Vo - 2.5 V, No load
Full range
0.7
1.2
mA
Vcc = MAX,
Vo = 0.5Vcc, No load
Full range
1
2
•
All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise
specified. “MAX”VCC for testing purposes is 30 V. Full range is 0 °С to 70 °С .
BEIJING ESTEK ELECTRONICS CO.,LTD
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com