Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC2012TP-101J Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LMC2012TP-101J
Description  CERAMIC CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LMC2012TP-101J Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LMC2012TP-101J Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD LMC2012TP-101J Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD LMC2012TP-101J Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD LMC2012TP-101J Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
32
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
SERIES
Reel dimensions
Tape dimensions
Per Reel(Q’ty)
ABC
D
E
W
P
P0
P1
HT
SERIES
AB
C
DE
F
GH
I
J
Max.
Max.
Max.
Ref.
ABCO chip inductor is wire wound type ceramic Inductor.
And our product provide high Q value.
So ABCO chip inductor can be SRF(self resonant frequency)industry.
This can often eliminate the need for variable components in tunner circuits
and oscillators.
With our engineering and manufacturing facilities,we're able
to quickly provide tailored to your needs.
LMC 2012
2.29
1.73
1.52
0.51
1.27
0.51
1.02
1.78
1.02
0.76
LMC 1608
1.80
1.12
1.02
0.38
0.76
0.33
0.86
1.02
0.64
0.64
LMC 1005
1.19
0.64
0.66
0.25
0.51
0.23
0.56
0.66
0.36
0.46
Unit: mm
LMC 2012
180
60
13
14.4
8.4
8
4
4
2
2.1
0.3
2,000
LMC 1608
180
100
13
14.4
8.4
8
4
4
2
-
0.95
3,000
LMC 1005
180
100
13
14.4
8.4
8
2
4
2
-
0.6
4,000
Unit: mm
A
B
C
E
P1
W
P
P0
T
D
H
B
E
Terminal
F
G
CH
D
I
I
Land
Pattern
J
F
A
■APPLICATION
■DIMENSIONS(mm)
■TAPE AND REEL SPECIFICATIONS
•RF circuits for mobile phone or pagers and other communication devices.
CERAMIC CHIP INDUCTORS
■FEATURES


Similar Part No. - LMC2012TP-101J

ManufacturerPart #DatasheetDescription
logo
Black Box Registered Tr...
LMC200 BLACKBOX-LMC200 Datasheet
634Kb / 6P
FlexPoint Modular Media Converters
05/14/2010
LMC200-2PS BLACKBOX-LMC200-2PS Datasheet
634Kb / 6P
FlexPoint Modular Media Converters
05/14/2010
logo
National Semiconductor ...
LMC2001 NSC-LMC2001 Datasheet
430Kb / 11P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
logo
Texas Instruments
LMC2001 TI1-LMC2001 Datasheet
655Kb / 15P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
logo
National Semiconductor ...
LMC2001ACM5 NSC-LMC2001ACM5 Datasheet
430Kb / 11P
High Precision, 6MHz Rail-To-Rail Output Operational Amplifier
More results

Similar Description - LMC2012TP-101J

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
C1-1N0S-10 SUPERWORLD-C1-1N0S-10 Datasheet
397Kb / 7P
CERAMIC CHIP INDUCTORS
C3-1N5S-10 SUPERWORLD-C3-1N5S-10 Datasheet
380Kb / 9P
CERAMIC CHIP INDUCTORS
C2-1N0S-10 SUPERWORLD-C2-1N0S-10_09 Datasheet
374Kb / 8P
CERAMIC CHIP INDUCTORS
C3-1N0S-10 SUPERWORLD-C3-1N0S-10 Datasheet
359Kb / 8P
CERAMIC CHIP INDUCTORS
logo
Semikron International
C0BQ-0N6S-10 SEMIKRON-C0BQ-0N6S-10 Datasheet
195Kb / 8P
CERAMIC CHIP INDUCTORS
C1-1N0S-10 SEMIKRON-C1-1N0S-10 Datasheet
225Kb / 8P
CERAMIC CHIP INDUCTORS
logo
Superworld Electronics
C0BQ_SERIES SUPERWORLD-C0BQ_SERIES Datasheet
213Kb / 8P
CERAMIC CHIP INDUCTORS
C1_SERIES SUPERWORLD-C1_SERIES Datasheet
384Kb / 8P
CERAMIC CHIP INDUCTORS
C1HQ_SERIES SUPERWORLD-C1HQ_SERIES Datasheet
197Kb / 7P
CERAMIC CHIP INDUCTORS
C2_SERIES SUPERWORLD-C2_SERIES Datasheet
313Kb / 7P
CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com