Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADPL12002 Datasheet(PDF) 13 Page - Analog Devices

Part # ADPL12002
Description  20V, 2.5A/3.5A, Fully Integrated Synchronous Buck Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPL12002 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADPL12002 Datasheet HTML 9Page - Analog Devices ADPL12002 Datasheet HTML 10Page - Analog Devices ADPL12002 Datasheet HTML 11Page - Analog Devices ADPL12002 Datasheet HTML 12Page - Analog Devices ADPL12002 Datasheet HTML 13Page - Analog Devices ADPL12002 Datasheet HTML 14Page - Analog Devices ADPL12002 Datasheet HTML 15Page - Analog Devices ADPL12002 Datasheet HTML 16Page - Analog Devices ADPL12002 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADPL12002/ADPL12003
20V, 2.5A/3.5A, Fully Integrated Synchronous
Buck Converter
www.analog.com
Analog Devices | 13
Equation 2:
IRMS = ILOAD(MAX) × (
√VOUT × (VSUP - VOUT)
VSUP
)
IRMS has a maximum value when the input voltage equals twice the output voltage:
VSUP = 2 × VOUT
Therefore:
IRMS =
ILOAD(MAX)
2
Choose an input capacitor that exhibits less than +10°C self-heating temperature rise at the RMS input current for optimal
long-term reliability. The input-voltage ripple comprises ΔVQ (caused by the capacitor discharge) and ΔVESR (caused by
the ESR of the capacitor). Use low-ESR ceramic capacitors with high ripple-current capability at the input. Assume the
contribution from the ESR and capacitor discharge is equal to 50%. Calculate the input capacitance and ESR required
for a specified input voltage ripple using the following equations:
Equation 3:
ESRIN =
∆VESR
IOUT + ΔIL 2
⁄
Where:
ΔIL =
(
VSUP - VOUT) × VOUT
VSUP × fSW × L
and:
CIN =
IOUT × D(1 - D)
ΔVQ × fSW
D =
VOUT
VSUP
Where:
IOUT = maximum output current
D = duty cycle
Output Capacitor
The output capacitor is selected to meet output voltage ripple, load-transient response, and loop stability requirements.
During a load step, the output current changes almost instantaneously, whereas the inductor is slow to react. During this
transition time, the load-change requirements are supplied by the output capacitor, which causes an
undershoot/overshoot in the output voltage. Output capacitance also affects the control-loop stability. For recommended
output capacitor values, see Table 1 for more details.
The output ripple comprises ΔVQ (caused by the capacitor discharge) and ΔVESR (caused by the ESR of the output
capacitor). Use low-ESR ceramic or aluminum electrolytic capacitors at the output. For aluminum electrolytic capacitors,
the entire output ripple is contributed by ΔVESR. Use Equation 4 to calculate the ESR requirement and choose the
capacitor accordingly. If using ceramic capacitors, assume the contribution to the output-ripple voltage from the ESR and
the capacitor discharge to be equal. The following equations show the output capacitance and ESR requirement for a
specified output-voltage ripple.
Equation 4:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com