Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS25LE512MG-RGLA2:PTY Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS25LE512MG-RGLA2:PTY
Description  SERIAL FLASH MEMORY 166/133MHZ MULTI I/O SPI & QUAD I/O QPI DTR INTERFACE WITH ON-CHIP ECC
PDF  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25LE512MG-RGLA2:PTY Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS25LE512MG-RGLA2:PTY Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25LE512MG-RGLA2:PTY Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25LE512MG-RGLA2:PTY Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25LE512MG-RGLA2:PTY Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25LE512MG-RGLA2:PTY Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25LE512MG-RGLA2:PTY Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25LE512MG-RGLA2:PTY Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25LE512MG-RGLA2:PTY Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS25LE512MG-RGLA2:PTY Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 194 page
background image
IS25LE512MG
IS25WE512MG
Integrated Silicon Solution, Inc.- www.issi.com
6
Rev. A6
10/02/2025
8.46 SECTOR LOCK/UNLOCK FUNCTIONS ...........................................................................................143
8.47 READ BANK ADDRESS REGISTER OPERATION (RDBR: 16h/C8h) ............................................146
8.48 WRITE BANK ADDRESS REGISTER OPERATION (WRBRNV: 18h, WRBRV: 17h/C5h) .............147
8.49 ENTER 4-BYTE ADDRESS MODE OPERATION (EN4B, B7h) .......................................................148
8.50 EXIT 4-BYTE ADDRESS MODE OPERATION (EX4B, 29h) ............................................................149
8.51 READ DYB OPERATION (RDDYB, FAh or 4RDDYB, E0h) .............................................................150
8.52 WRITE DYB OPERATION (WRDYB, FBh or 4WRDYB, E1h) ..........................................................152
8.53 READ PPB OPERATION (RDPPB, FCh or 4RDPPB, E2h) .............................................................154
8.54 PROGRAM PPB OPERATION (PGPPB, FDh or 4PGPPB, E3h) .....................................................155
8.55 ERASE PPB OPERATION (ERPPB, E4h) ........................................................................................157
8.56 READ ASP OPERATION (RDASP, 2Bh) ..........................................................................................158
8.57 PROGRAM ASP OPERATION (PGASP, 2Fh)..................................................................................159
8.58 READ PPB LOCK BIT OPERATION (RDPLB, A7h) .........................................................................160
8.59 WRITE PPB LOCK BIT OPERATION (WRPLB, A6h).......................................................................161
8.60 SET FREEZE BIT OPERATION (SFRZ, 91h)...................................................................................162
8.61 READ PASSWORD OPERATION (RDPWD, E7h) ...........................................................................163
8.62 PROGRAM PASSWORD OPERATION (PGPWD, E8h) ..................................................................164
8.63 UNLOCK PASSWORD OPERATION (UNPWD, E9h) ......................................................................165
8.64 GANG SECTOR/BLOCK LOCK OPERATION (GBLK, 7Eh) ............................................................166
8.65 GANG SECTOR/BLOCK UNLOCK OPERATION (GBUN, 98h).......................................................167
8.66 DATA LEARNING PATTERN (DLP)..................................................................................................168
8.67 PROGRAM NVDLR OPERATION (PNVDLR, 43h)...........................................................................171
8.68 WRITE VDLR OPERATION (WRVDLR, 4Ah)...................................................................................172
8.69 READ DLP OPERATION (RDDLP, 41h) ...........................................................................................173
8.70 IN BAND RESET OPERATION .........................................................................................................174
8.71 READ ECC REGISTER OPERATION (RDECC, B3h)......................................................................176
8.72 CLEAR ECC REGISTER OPERATION (CLECC, B6h) ....................................................................177
8.73 WRITE ECC REGISTER OPERATION (WRECC, B5h) ...................................................................178
9.
ELECTRICAL CHARACTERISTICS..........................................................................................................179
9.1 ABSOLUTE MAXIMUM RATINGS (1) ..................................................................................................179
9.2 OPERATING RANGE ..........................................................................................................................179
9.3 DC CHARACTERISTICS.....................................................................................................................180
9.4 AC MEASUREMENT CONDITIONS ...................................................................................................181
9.5 Pin CAPACITANCE .............................................................................................................................181
9.6 AC CHARACTERISTICS.....................................................................................................................182
9.7 SERIAL INPUT/OUTPUT TIMING.......................................................................................................184
9.8 POWER-UP AND POWER-DOWN .....................................................................................................187
9.9 PROGRAM/ERASE PERFORMANCE ................................................................................................188
9.10 RELIABILITY CHARACTERISTICS ..................................................................................................188
10.
PACKAGE TYPE INFORMATION........................................................................................................189



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com