Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP6908 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6908
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6908 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6908 Datasheet HTML 1Page - Monolithic Power Systems MP6908 Datasheet HTML 2Page - Monolithic Power Systems MP6908 Datasheet HTML 3Page - Monolithic Power Systems MP6908 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV6908-S-01A – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
EV6908-S-01A Rev. 1.0
www.MonolithicPower.com
2
1/26/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
HVC
1
VSS
2
SLEW
3
VDD
4
VG
5
VD
6
U1
MP6908 TSOT23-6
1
Q1
200k
R2
1
HVC
470nF
C1
1
VDD
NC
D2
0
R1
4
5, 6, 7, 8
1, 2, 3
Q2
NC
1
VD
1
VSS
1
VG
1
SLEW
Gate
300
R3
D3 NC
1
2
BAV21W
D1
300
R4
BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
470nF
Ceramic
Capacitor;25V;X7R
0805
TDK
C2012X7R1E474K
1
R1
0
Film Resistor;1%
0603
Yageo
RC0603FR-070RL
2
R3,R4
300
Film Resistor;1%
0603
Yageo
RC0603FR-07301RL
1
R2
200k
Film Resistor;1%
0603
Yageo
RC0603FR-07200KL
1
D1
BAV21W
Diode,200V
SOD-123
Diodes
BAV21W-7-F
1
U1
MP6908
Smart Synchronous
Rectifier
TSOT23-
6
MPS
MP6908GJ-Z
1
Q1
FDPF045N10A
MOSFET
TO220-3
Fairchild
FDPF045N10A
0
D2,D3,Q2,S
LEW
NC
3
VG,HVC,V
DD
1mm
Connector Pin
2
VD,VSS
2mm
Connector Pin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com