Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZ080 Datasheet(PDF) 3 Page - Weller Tools

Part # PZ080
Description  1000 Volt Series Screwdrivers and Pliers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

PZ080 Datasheet(HTML) 3 Page - Weller Tools

  PZ080 Datasheet HTML 1Page - Weller Tools PZ080 Datasheet HTML 2Page - Weller Tools PZ080 Datasheet HTML 3Page - Weller Tools PZ080 Datasheet HTML 4Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Pliers, 1000 Volts: insulated
Insulated according Norm
1000V 08 IEC 60900:2004
Co-molded handles for
maximum comfort
VDE / GS certificated
CP180
Combination Pliers
LNP200
Long Nose Pliers
DCN160
Diagonal Cutting Nipper
WS160
Wire Stripper
HLDCN160
High Leverage Diagonal
Cutting Nipper
HLCP180
High Leverage
Combination Pliers
TGP250
Tongue & Groove Pliers
Insulated according Norm
1000V 08 IEC 60900:2004
VDE / GS certificated
Co-molded handles for maximum comfort
Type /
Length
Weight
Shelf
Code No.
Description
in mm
in g
Pack
CP180
Combination Pliers
180
301
6
HLCP180
High Leverage
180
325
6
Combination Pliers
DCN160
Diagonal Cutting
160
243
6
Nipper
HLDCN160 High Leverage Diagonal
160
256
6
Cutting Nipper
LNP200
Long Nose Pliers
200
241
6
WS160
Wire Stripper
160
224
6
TGP250
Tongue & Groove Pliers
250
428
6
Weller 1000V Series Pliers:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com