Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCIMX8QXP-CPU Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MCIMX8QXP-CPU
Description  Multisensory Enablement Kit Based on i.MX 8QuadXPlus Applications Processors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MCIMX8QXP-CPU Datasheet(HTML) 2 Page - NXP Semiconductors

  MCIMX8QXP-CPU Datasheet HTML 1Page - NXP Semiconductors MCIMX8QXP-CPU Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NXP and the NXP logo are trademarks of NXP B.V. All other product or service names are the property of their
respective owners. Arm, Cortex and Keil are registered trademarks of Arm Limited (or its subsidiaries) in the EU and/
or elsewhere. Mbed is a trademark of Arm Limited (or its subsidiaries) in the EU and/or elsewhere. All rights reserved.
© 2018 NXP B.V.
Document Number: IMX8QADXPLUSFS REV 0
www.nxp.com/iMX8X and imxcommunity.org
i.MX 8QUADXPLUS MEK
i.MX 8QuadXPlus MEK FEATURES
CPU Board
Part Number: MCIMX8QXP-CPU
Processor
• NXP i.MX 8QuadXPlus
• 4x Arm Cortex-A35 @ up to 1.2 GHz
• 512 MB L2 cache
• Arm Cortex-M4 @ 266 MHz
Power
Management
• NXP MMPF8100 PMIC
Memory
• 3 GB LPDDR4 memory, x32
• 32 GB eMMC 5.0
• 64 MB Octal SPI Flash
Display/Camera
Connectors
• 2x MIPI-DSI / LVDS connectors
• Camera MIPI-CSI
Audio
• Audio Codec
• Microphone and headphone jacks
Connectivity
• 1x full-size SD/MMC card slot
• 10/100/1000 Ethernet port
• 1x USB 3.0 Type C
Debug
• JTAG connector
• Serial to USB connector
Additional
Feature
• NXP 3-axis accelerometer & eCompass [not populated]
• NXP Gyroscope
• NXP Light Sensor
• NXP Pressure Sensor
• RGB LED
• Power supply
OS Support
• Linux
• Android
• FreeRTOS
Expansion
Connector
• M.2 Connector (PCIe, USB, UART, I2C and I2S)
i.MX 8QuadXPlus MEK Baseboard Features
Part Number
Connectivity
Expansion Connector
MCIMX8-8X-BB
• 1x I2C Auxiliary Connector
• 1x Tamper Head
• 1x Parallel CSI Connector
• 1x UART, 2x CAN
• 1x uUSB OTG connector
• 1x Audio In Connector,
• 1x Audio Out Connector
• 1x 10/100/1000 Ethernet connector
• Muxed w/ Audio port)
• Arduino Connector/
MikroBus Interface
GRAPHICS, VIDEO, AND AUDIO
The MEK has hardware accelerated video, graphics, and
audio processing capabilities. The integrated video supports
encode and decode for h.264 as well as decode for h.265.
The graphics engine and display processor support rich 3D
and 2D user interfaces while the Tensilica® HiFi 4 DSP supports
audio pre- and post- processing, key word detection and
speech recognition for hands-off interaction. Applications like
infotainment, clusters, display audio, HMI, surveillance, and
robotics can take advantage of the high level of multimedia
integration.
HMI AND CONNECTIVITY
Today, Human Machine Interface (HMI) must respond
accurately, and in miliseconds, to touch screen and gesture
inputs. Connectivity is a must, demanding increasingly faster
and more reliable wired and wireless capabilities associated
with security to protect sensitive data and privacy. The i.MX
i.MX 8QuadXPlus MEK provides capabilities for development
of these key functionalities.
i.MX 8QUADXPLUS MEK CONTENTS
CPU board (standalone)
}
i.MX 8QuadXPlus MEK CPU board
}
Power Supply
}
Quick Start Guide
}
USB 3.0 Type C to Type A
}
USB 2.0 Type A to Type Micro
}
LVDS to HDMI Adapter Card
Baseboard (ordered separately)
}
i.MX 8/8X Baseboard
}
i.MX 8/8X Audio Board
SOFTWARE AND TOOLS
Hardware design files, software tools and board support
packages (BSPs) for Linux®, Android and FreeRTOS are available
from NXP to use as a reference for starting designs. QNX,
Green Hills®, other commercial operating systems, and tools
are also available from NXP’s ecosystem partners. Additional
information can be found at www.nxp.com/MCIMX8QXP-CPU.
There are a number of accessory boards that pair with the i.MX
8QXP MEK CPU board and baseboard including support for
cameras and displays. Visit www.nxp.com/i.MX8-ACCESSORY-
BOARDS to see the complete list.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com