Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL25 Datasheet(PDF) 2 Page - Weller Tools

Part # SL25
Description  1000 Volt Series Screwdrivers and Pliers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELLER [Weller Tools]
Direct Link  https://www.weller-tools.com/us/en
Logo WELLER - Weller Tools

SL25 Datasheet(HTML) 2 Page - Weller Tools

  SL25 Datasheet HTML 1Page - Weller Tools SL25 Datasheet HTML 2Page - Weller Tools SL25 Datasheet HTML 3Page - Weller Tools SL25 Datasheet HTML 4Page - Weller Tools  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Insulated according Norm 1000V 08 IEC 60900:2004
VDE / GS certificated
Co-molded handles for maximum comfort
Blades made of 8660 steel
1000 Volt Series
Screwdrivers, 1000 Volts: insulated
Clear symbols for blades
Blades made of 8660 steel
Insulated according Norm
1000V 06 IEC 60900:2004
Co-molded handles for
maximum comfort
VDE / GS certificated
Type /
Blade Length Weight
Shelf
Code No.
Description
in mm
in g
Pack
Phillips®
PH080
Phillips® PH 0 x 80
80
32
12
PH110
Phillips® PH 1 x 100
100
85
12
PH210
Phillips® PH 2 x 100
100
95
12
PH315
Phillips® PH 3 x 150
150
180
12
Pozidriv
PZ080
Pozidriv PZ 0 x 80
80
32
12
PZ110
Pozidriv PZ 1 x 100
100
85
12
PZ210
Pozidriv PZ 2 x 100
100
95
12
PZ315
Pozidriv PZ 3 x 150
150
180
12
Slotted
SL25
Slotted 2,5 x 0,4 x 80
80
32
12
SL40
Slotted 4,0 x 0,8 x 100
100
58
12
SL65
Slotted 6,5 x 1,2 x 150
150
117
12
Screwdriver Set 8 pieces
SD8SET
Screwdriver Set 8 pcs.
692
6
Consist of:
Phillips® PH 1 x 100 / PH 2 x 100
Pozidriv PZ 1 x 100 / PZ 2 x 100
Slotted 2,5 x 80 / 4,0 x 100 / 6,5 x 150
Main Tester 140
Weller 1000V Series Screwdrivers:
Pozidriv
PZ080, PZ110,
PZ210, PZ315
Slotted
SL25, SL40, SL65
Phillips®
PH080, PH110,
PH210, PH315
Screwdriver Set 8 pieces
Code No. SD8SET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com