Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C5865PVC Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # CY8C5865PVC
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C5865PVC Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button CY8C5865PVC Datasheet HTML 48Page - Infineon Technologies AG CY8C5865PVC Datasheet HTML 49Page - Infineon Technologies AG CY8C5865PVC Datasheet HTML 50Page - Infineon Technologies AG CY8C5865PVC Datasheet HTML 51Page - Infineon Technologies AG CY8C5865PVC Datasheet HTML 52Page - Infineon Technologies AG CY8C5865PVC Datasheet HTML 53Page - Infineon Technologies AG CY8C5865PVC Datasheet HTML 54Page - Infineon Technologies AG CY8C5865PVC Datasheet HTML 55Page - Infineon Technologies AG CY8C5865PVC Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 51 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
7.9 Digital Filter Block
Some devices in the CY8C58LP family of devices have a
dedicated HW accelerator block used for digital filtering. The
DFB has a dedicated multiplier and accumulator that calculates
a 24-bit by 24-bit multiply accumulate in one system clock cycle.
This enables the mapping of a direct form FIR filter that
approaches a computation rate of one FIR tap for each clock
cycle. The MCU can implement any of the functions performed
by this block, but at a slower rate that consumes significant MCU
bandwidth.
The PSoC Creator interface provides a wizard to implement FIR
and IIR digital filters with coefficients for LPF, BPF, HPF, Notch
and arbitrary shape filters. 64 pairs of data and coefficients are
stored. This enables a 64 tap FIR filter or up to 4 16 tap filters of
either FIR or IIR formulation.
Figure 7-20. DFB Application Diagram (pwr/gnd not shown)
The typical use model is for data to be supplied to the DFB over
the system bus from another on-chip system data source such
as an ADC. The data typically passes through main memory or
is directly transferred from another chip resource through DMA.
The DFB processes this data and passes the result to another
on chip resource such as a DAC or main memory through DMA
on the system bus.
Data movement in or out of the DFB is typically controlled by the
system DMA controller but can be moved directly by the MCU.
8. Analog Subsystem
The analog programmable system creates application specific
combinations of both standard and advanced analog signal
processing blocks. These blocks are then interconnected to
each other and also to any pin on the device, providing a high
level of design flexibility and IP security. The features of the
analog subsystem are outlined here to provide an overview of
capabilities and architecture.
Flexible, configurable analog routing architecture provided by
analog globals, analog mux bus, and analog local buses
High resolution Delta-Sigma ADC
Two successive approximation (SAR) ADCs
Four 8-bit DACs that provide either voltage or current output
Four comparators with optional connection to configurable LUT
outputs
Four configurable switched capacitor/continuos time (SC/CT)
blocks for functions that include opamp, unity gain buffer,
programmable gain amplifier, transimpedance amplifier, and
mixer
Four opamps for internal use and connection to GPIO that can
be used as high current output buffers
CapSense subsystem to enable capacitive touch sensing
Precision reference for generating an accurate analog voltage
for internal analog blocks
Digital Filter
Block
write_data
read_data
System
Bus
DMA
CTRL
Data
Source
(PHUB)
Data
Dest
(PHUB)
addr
Digital
Routing
BUSCLK
DMA
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com