Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL16005 Datasheet(PDF) 1 Page - pro-elec

Part # PL16005
Description  Socket Screw Model PL16005-PL16007
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec

PL16005 Datasheet(HTML) 1 Page - pro-elec

  PL16005 Datasheet HTML 1Page - pro-elec  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
12/10/19
TECHNICAL
DATA SHEET
Socket Screw
Model PL16005-PL16007
Specification
Description
Material
Screw - Cross Head type M3.5
Nickel coated Steel
Important Notice : This data sheet and its contents (the “Information”) belong to pro-ELEC. No licence is granted for the use of it other than for information purposes in
connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all
data sheets previously supplied. The Information supplied is believed to be accurate but pro-ELEC assumes no responsibility for its accuracy or completeness, any error in
or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where
pro-ELEC was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict pro-ELEC’s liability for death or personal injury resulting from its negligence.
Size : 25mm x3.5mm, 40mm x 3.5mm, 50mm x 3.5mm


Similar Part No. - PL16005

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PL160 COILCRAFT-PL160 Datasheet
100Kb / 1P
Designer’s Kits
PL160-100L COILCRAFT-PL160-100L Datasheet
157Kb / 2P
SMT Planar Transformers
PL160-101L COILCRAFT-PL160-101L Datasheet
157Kb / 2P
SMT Planar Transformers
PL160-102L COILCRAFT-PL160-102L Datasheet
157Kb / 2P
SMT Planar Transformers
PL160-103L COILCRAFT-PL160-103L Datasheet
157Kb / 2P
SMT Planar Transformers
More results

Similar Description - PL16005

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
ICM-6XX-1-GT ADAM-TECH-ICM-6XX-1-GT Datasheet
87Kb / 1P
SCREW MACHINE SOCKET
ICM-6XX-1-GT-NB ADAM-TECH-ICM-6XX-1-GT-NB Datasheet
90Kb / 1P
SCREW MACHINE SOCKET
ICM-6XX-1-TT ADAM-TECH-ICM-6XX-1-TT Datasheet
87Kb / 1P
SCREW MACHINE SOCKET
ICM-6XX-SMT-GT ADAM-TECH-ICM-6XX-SMT-GT Datasheet
82Kb / 1P
SCREW MACHINE SOCKET
ICM-6XX-SMT-GT-HT ADAM-TECH-ICM-6XX-SMT-GT-HT Datasheet
81Kb / 1P
SCREW MACHINE SOCKET
ICM-XXX-1-GT ADAM-TECH-ICM-XXX-1-GT Datasheet
148Kb / 1P
SCREW MACHINE SOCKET
ICM-3XX-1-GT ADAM-TECH-ICM-3XX-1-GT Datasheet
87Kb / 1P
SCREW MACHONE IC SOCKET
ICM-3XX-1-TT ADAM-TECH-ICM-3XX-1-TT Datasheet
86Kb / 1P
SCREW MACHONE IC SOCKET
SMC-1-XX-1-GT ADAM-TECH-SMC-1-XX-1-GT Datasheet
110Kb / 1P
SCREW MACHINE CONTACT SOCKET
SMC-1-XX-GT-SMT ADAM-TECH-SMC-1-XX-GT-SMT Datasheet
83Kb / 1P
SCREW MACHINE CONTACT SOCKET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com