Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1006FL Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # US1006FL
Description  ULTRAFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

US1006FL Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  US1006FL Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. US1006FL Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-DERATING CURVE OUTPUT RECTIFIED CURRENT
FIG.3-TYPICAL FORWARD CHARACTERISTICS
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT PERLEG
FIG.4-TYPICAL REVERSE LEAKAGE
CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES US1000FL THRU US1010FL
1.2
1.0
0.8
0.6
0.4
0.2
0
100
10
1.0
0.01
0.1
0
40
20
60
80
140
120
100
100
0
25
50
75
150
125
175
20
10
1
0.1
0.01
0.2
0.4
1.2
0.6
0.8
1.0
1.6
1.4
2.0
1.8
NUMBER OF CYCLES
35
30
25
20
15
5
1
10
100
10
0
https://dec.co.kr
DAESAN ELECTRONIC CORP.
f=60Hz
1Cycle
TJ=25
TJ=125
US1006FL
~US1010FL
US1000FL
~US1002FL
US1004FL
TJ=25
PULSE WIDTH=300 s
1% DUTY CYCLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com