Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D35530639 Datasheet(PDF) 1 Page - Glamox

Part # D35530639
Description  D35-R180 LED 1000 HF 830LI OP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

D35530639 Datasheet(HTML) 1 Page - Glamox

  D35530639 Datasheet HTML 1Page - Glamox D35530639 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
D35-R180 LED 1000 HF 830
LI OP
Glamox D35 is family with compact design, in three sizes.
Injected moulded fire resistant plastic material V1 in white
finish RAL9016. Integrated aluminium heat sink.
Item No.
D35530639
GTIN
4741145306393
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Round
Electrical Data
Leakage Current (mA)
0.34
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
10
Number Of Luminaire MCB 10B
30
Number Of Luminaire MCB 10C
51
Number Of Luminaire MCB 16B
50
Number Of Luminaire MCB 16C
85
Optic
Optic description
Opal diffuser in acrylic
Optic Name
OP - Opal diffuser in acrylic
UGR (70/50/20 & 4H-8H crosswise)
27
Diffuser Material
Acrylic
Diffuser Material Design
Opal
Optic main category
Diffuser
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
45
IP classification
40 from underneath \ 20 from above
Light Technical Data
Light source
LED
Lumen Out (lm)
1001
Lumen Per Watt (lm/W)
103
Lamp colour temp (K)
3000
Colour Rendering Index
>80
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
D
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L80B50 Ta25 (h)
80 000
Luminous flux decline (LLMF) 50.000h Ta25
0.80
Housing
Body Material
ABS plastic
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Height (mm)
32
Diameter (mm)
200
Cut out (mm)
180
Item Net Weight (kg)
0.7912
Cut out diameter
180
Termination
Termination
3x2x2.5mm2 Push In
Plug Type
Linect
Logistic Data
Item Gross Weight (kg)
0.86


Similar Part No. - D35530639

ManufacturerPart #DatasheetDescription
logo
Glamox
D35530630 GLAMOX-D35530630 Datasheet
284Kb / 2P
D35-R230 LED 1400 HF 830OP
D35530631 GLAMOX-D35530631 Datasheet
288Kb / 2P
D35-R180 LED 1000 DALI830 OP
D35530632 GLAMOX-D35530632 Datasheet
289Kb / 2P
D35-R230 LED 1400 DALI830 OP
D35530633 GLAMOX-D35530633 Datasheet
369Kb / 2P
D35-R280 LED 1800 DALI830 OP
D35530634 GLAMOX-D35530634 Datasheet
263Kb / 2P
D35-S230 LED 1400 DALI830 OP
More results

Similar Description - D35530639

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF372A OPTEK-OPF372A Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
August 1996
OPF370A OPTEK-OPF370A Datasheet
3Mb / 2P
Fi ber Op tic GaA lAs LED
logo
MPS Industries, Inc.
MA1136 MPSIND-MA1136 Datasheet
147Kb / 1P
HF FLYBACK TRANSFORMER
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
logo
Lite-On Technology Corp...
LTST-S115KRKGKT LITEON-LTST-S115KRKGKT Datasheet
634Kb / 12P
Meet ROHS, HF, Green Product, Dual color chip LED
logo
PHOENIX CONTACT
2904637 PHOENIX-2904637 Datasheet
66Kb / 6P
Front adapters - FLK 50-PA/EZ-DR/HF/KS/1000/YUC
2904646 PHOENIX-2904646 Datasheet
58Kb / 5P
Front adapters - FLK 40-PA/EZ-DR/HF/KS/1000/YUC
logo
Balluff Korea Ltd.
BIS0133 BALLUFF-BIS0133 Datasheet
923Kb / 5P
HF (13.56 MHz)
BIS0157 BALLUFF-BIS0157 Datasheet
550Kb / 3P
HF (13.56 MHz)
logo
STMicroelectronics
RF5L051K0CB4 STMICROELECTRONICS-RF5L051K0CB4 Datasheet
1Mb / 12P
1000 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com