Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP-R6000 Datasheet(PDF) 9 Page - Brady Worldwide, Inc.

Part # IP-R6000
Description  The perfect mix of performance and smarts
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

IP-R6000 Datasheet(HTML) 9 Page - Brady Worldwide, Inc.

Back Button IP-R6000 Datasheet HTML 4Page - Brady Worldwide, Inc. IP-R6000 Datasheet HTML 5Page - Brady Worldwide, Inc. IP-R6000 Datasheet HTML 6Page - Brady Worldwide, Inc. IP-R6000 Datasheet HTML 7Page - Brady Worldwide, Inc. IP-R6000 Datasheet HTML 8Page - Brady Worldwide, Inc. IP-R6000 Datasheet HTML 9Page - Brady Worldwide, Inc. IP-R6000 Datasheet HTML 10Page - Brady Worldwide, Inc. IP-R6000 Datasheet HTML 11Page - Brady Worldwide, Inc. IP-R6000 Datasheet HTML 12Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
BradyID.com/i5100 • 1-888-272-3946
9
Ribbon Series Description
Catalog #
Size (in. x ft.)
Color
R4300 Wax/Resin
Strong environmental resistance against smearing
and chemicals. Also, reliable, sharp-edge print
quality to maximize barcode readability.
IP-R4306
1.570 x 984
Black
IP-R4302
2.360 x 984
Black
IP-R4300
3.270 x 984
Black
IP-R4307
4.330 x 984
Black
R4400 Resin
High density, excellent solvent resistance, high
heat resistance, scratch resistance.
IP-R4400-WT
2.360 x 984
White
IP-R4402-WT
3.270 x 984
White
IP-R4407-WT
4.330 x 984
White
IP-R4400-GR*
2.360 x 984
Green
IP-R4402-GR*
3.270 x 984
Green
IP-R4400-RD*
2.360 x 984
Red
IP-R4402-RD*
3.270 x 984
Red
IP-R4407-RD*
4.330 x 984
Red
IP-R4400-BL*
2.360 x 984
Blue
IP-R4402-BL*
3.270 x 984
Blue
IP-R4407-BL*
4.330 x 984
Blue
R4500 Wax/Resin
Strong environmental resistance against
smearing and chemicals. Also, reliable,
sharp-edge print quality to maximize barcode
readability.
IP-R4500-RD
2.360 x 984
Red
IP-R4502-RD
3.270 x 984
Red
IP-R4507-RD
4.330 x 984
Red
IP-R4502-SV
3.270 x 984
Silver
IP-R4500-BL
2.360 x 984
Blue
IP-R4502-BL
3.270 x 984
Blue
IP-R4507-BL
4.330 x 984
Blue
R4900 Resin
Superb smear resistance at high temps. Superior
solvent resistance.
IP-R4902
2.360 x 984
Black
IP-R4900
3.270 x 984
Black
R6000 Resin
Halogen-free, high density, excellent solvent
resistance, high heat resistance, scratch
resistance.
IP-R6006
1.570 x 984
Black
IP-R6000
2.360 x 984
Black
IP-R6002
3.270 x 984
Black
IP-R6007
4.330 x 984
Black
R6100 Wax/Resin
Outstanding durability for a general purpose
ribbon. Reduced printhead energy requirements.
IP-R6100
2.360 x 984
Black
IP-R6102
3.270 x 984
Black
IP-R6107
4.330 x 984
Black
R6200 Resin
Designed for harsh environment labeling
applications. Superior abrasion, chemical and
heat resistance.
IP-R6206
1.570 x 984
Black
IP-R6200
2.360 x 984
Black
IP-R6202
3.270 x 984
Black
IP-R6207
4.330 x 984
Black
R6400 Resin
High density, excellent solvent resistance, high
heat resistance, scratch resistance.
IP-R6406
1.570 x 984
Black
IP-R6400
2.360 x 984
Black
IP-R6402
3.270 x 984
Black
IP-R6407
4.330 x 984
Black
R6600 Resin
Diesel resistant for printing on Brady
PermaSleeve® and Heatex™ Sleeves.
IP-R6600
2.360 x 984
Black
IP-R6602
3.270 x 984
Black
IP-R6607
4.330 x 984
Black
R6700 Wax/Resin
High performance against scratching,
smudging and harsh chemicals.
IP-R6700-WT
2.360 x 984
White
IP-R6702-WT
3.270 x 984
White
IP-R6707-WT
4.330 x 984
White
R6800 Resin
Specialized white ribbon for use with
dark-colored PermaSleeve HT markers.
IP-R6800-WT
2.360 x 984
White
IP-R6800-WT
3.270 x 984
White
IP-R6807-WT
4.330 x 984
White
Spare Brady ribbon takeup spindle
149562
—
—
Non-IP-enabled ribbon spindle
108231
—
—
*
i5100 print ribbons
IP-enabled ribbons from Brady are designed to guarantee correct
ink-facing orientation every time, which prevents damage to your print
head and allows you to load ribbons quickly, and get back to work.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com