Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4020B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4020B
Description  RIPPLE-CARRY BINARY COUNTER/DIVIDERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4020B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4020B Datasheet HTML 1Page - STMicroelectronics HCF4020B Datasheet HTML 2Page - STMicroelectronics HCF4020B Datasheet HTML 3Page - STMicroelectronics HCF4020B Datasheet HTML 4Page - STMicroelectronics HCF4020B Datasheet HTML 5Page - STMicroelectronics HCF4020B Datasheet HTML 6Page - STMicroelectronics HCF4020B Datasheet HTML 7Page - STMicroelectronics HCF4020B Datasheet HTML 8Page - STMicroelectronics HCF4020B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HCC4020B/24B/40B
HCF4020B/24B/40B
RIPPLE-CARRY BINARY COUNTER/DIVIDERS
DESCRIPTION
.
MEDIUM-SPEED OPERATION
.
FULLY STATIC OPERATION
.
COMMON RESET
.
BUFFERED INPUTS AND OUTPUTS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STANDARDIZED SYMMETRICAL OUTPUT
.
CHARACTERISTICS
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND
25
°C FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD No. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
4020B - 14 STAGE
4024B -
7 STAGE
4040B - 12 STAGE
March 1989
The HCC4XXXB (extended temperature range)
and HCF4XXXB (intermediate temperature range)
are monolithic integrated circuits, available in 14-
lead dual in-line for 4024B and 16-lead dual in-line
for 4020B, 4040B plastic or ceramic package and
plastic micropackage.
The HCC/HCF4020B, 4024B,and 4040B are ripple-
carry binary counters. All counter stages are master-
slave flip-flops. The state of a counter advances one
count on the negative transition of each input pulse ;
a high level on the RESET line resets the counter to
its all zeros stage. Schmitt trigger action on the input-
pulse line permits unlimited clock rise and fall times.
All inputs and outputs are buffered.
PIN CONNECTIONS
EY
(Plastic Package)
F
(Ceramic Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC40XXBF
HCF40XXBM1
HCF40XXBEY
HCF40XXBC1
4020B
4024B
4040B
1/11


Similar Part No. - HCF4020B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
Mar-2004
HCF4020BEY STMICROELECTRONICS-HCF4020BEY Datasheet
191Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
Mar-2004
HCF4020BM1 STMICROELECTRONICS-HCF4020BM1 Datasheet
191Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
Mar-2004
More results

Similar Description - HCF4020B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4020B TI-CD4020B Datasheet
225Kb / 13P
CMOS RIPPLE-CARRY BINARY COUNTER DIVIDERS
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP Datasheet
249Kb / 6P
7 STAGE RIPPLE - CARRY BINARY COUNTER/DIVIDERS
logo
Intersil Corporation
CD4020BMS INTERSIL-CD4020BMS Datasheet
103Kb / 10P
CMOS Ripple-Carry Binary Counter/Dividers
October 1996
logo
Micro Electronics
MMC4024 MICRO-ELECTRONICS-MMC4024 Datasheet
111Kb / 4P
RIPPLE CARRY BINARY COUNTER / DIVIDERS
logo
STMicroelectronics
HCF4040B STMICROELECTRONICS-HCF4040B Datasheet
246Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 12 STAGE
September 2001
HCF4024B STMICROELECTRONICS-HCF4024B Datasheet
235Kb / 10P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 7 STAGE
Sep-2001
HCF4020B STMICROELECTRONICS-HCF4020B Datasheet
191Kb / 11P
RIPPLE-CARRY BINARY COUNTER/DIVIDERS 14 STAGE
Mar-2004
logo
Toshiba Semiconductor
TC4024BP TOSHIBA-TC4024BP_07 Datasheet
314Kb / 9P
7 Stage Ripple-Carry Binary Counter/Dividers
TC4040BP TOSHIBA-TC4040BP_07 Datasheet
326Kb / 9P
12 Stage Ripple-Carry Binary Counter/Dividers
logo
Texas Instruments
CD4040BEE4 TI-CD4040BEE4 Datasheet
1Mb / 23P
CMOS Ripple-Carry Binary Counter / Dividers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com