Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PN8016SSC-R1B Datasheet(PDF) 1 Page - Wuxi Chipown Micro-electronics limited

Part # PN8016SSC-R1B
Description  Non-isolated Off-line PWM converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWN [Wuxi Chipown Micro-electronics limited]
Direct Link  https://www.chipown.com.cn/en/index.html
Logo CHIPOWN - Wuxi Chipown Micro-electronics limited

PN8016SSC-R1B Datasheet(HTML) 1 Page - Wuxi Chipown Micro-electronics limited

  PN8016SSC-R1B Datasheet HTML 1Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 2Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 3Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 4Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 5Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 6Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 7Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 8Page - Wuxi Chipown Micro-electronics limited PN8016SSC-R1B Datasheet HTML 9Page - Wuxi Chipown Micro-electronics limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PN8016
Chipown
www.chipown.com.cn
© 2018 Wuxi Chipown Microelectronics Limited
Rev.1809
Sept.-2018
1 / 11
Non-isolated Off-line PWM converters
General Description
The PN8016 consists of an integrated Pulse Width Modulator (PWM) controller and power MOSFET,specifically designed
for small power non-isolated switching power supply. Variable output voltage could be adjusted by FB resistors. PN8016 has
internal high voltage start-up and self-supply circuit, and complete intelligent protections including Over Load Protection (OLP),
Under Voltage Lockout (UVLO) and Over Temperature Protection (OTP). Excellent EMI performance could be achieved with
Pulse Frequency Modulation.
Features
■
Internal 800V avalanche-rugged smart power VDMOSFET
■
Internal HV Start-up Circuit
■
Supporting Buck, Buck-Boost and Flyback topologies
■
Variable Output Voltage 3.3V~18V adjusted by FB resistors
■
Semi enclosed steady output current 300mA @230VAC,5V
■
Frequency modulation for low EMI
■
Excellent constant voltage regulation and High efficiency
■
Excellent Protection Coverage:
Over Load Protection(OLP)
Over Temperature Protection(OTP)
Under Voltage Lockout(UVLO)
Applications
■ non-isolated assistant power supply
■ Household appliance
■ Smart Home
■ LED
Package/Order Information
Order Code
Package
PN8016SSC-R1B
SOP-7
Typical Circuit


Similar Part No. - PN8016SSC-R1B

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8010 MALLORY-PN8010 Datasheet
115Kb / 1P
Billet Hold Down Clamp, Ford
More results

Similar Description - PN8016SSC-R1B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
logo
Monolithic Power System...
EV171-J-00A MPS-EV171-J-00A Datasheet
271Kb / 7P
Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
EV171-S-00A MPS-EV171-S-00A Datasheet
283Kb / 7P
Small, Universal Input Non-Isolated Off-Line Regulator Evaluation Board
logo
Sanken electric
STR5A450 SANKEN-STR5A450 Datasheet
900Kb / 32P
For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
STR5A460 SANKEN-STR5A460 Datasheet
1Mb / 32P
For Non-Isolated Off-Line PWM Controllers with Integrated Power MOSFET
logo
Maxic Technology Corpor...
MT8812 MAXIC-MT8812 Datasheet
160Kb / 1P
Non-isolated High Performance Low Cost Off-line PWM Power Switch
logo
AiT Semiconductor Inc.
AP8012 AITSEMI-AP8012 Datasheet
629Kb / 11P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.2
AP8022 AITSEMI-AP8022 Datasheet
435Kb / 10P
LOW STANDBY-POWER OFF-LINE PWM CONVERTERS
REV2.0
AP8024 AITSEMI-AP8024 Datasheet
455Kb / 11P
NON-ISOLATED PFM CONVERTERS
REV2.0
logo
Wuxi Chipown Micro-elec...
PN8106 CHIPOWN-PN8106 Datasheet
300Kb / 8P
Low Standby-Power Off-line PWM converters
Rev.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com