Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS43TR16640C Datasheet(PDF) 21 Page - Integrated Silicon Solution, Inc

Part # IS43TR16640C
Description  128MX8, 64MX16 1Gb DDR3 SDRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS43TR16640C Datasheet(HTML) 21 Page - Integrated Silicon Solution, Inc

Back Button IS43TR16640C Datasheet HTML 17Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 18Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 19Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 20Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 21Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 22Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 23Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 24Page - Integrated Silicon Solution, Inc IS43TR16640C Datasheet HTML 25Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
IS43/46TR16640C, IS43/46TR16640CL
IS43/46TR81280C, IS43/46TR81280CL
Integrated Silicon Solution, Inc. – www.issi.com –
21
Rev. E
12/27/2024
2.4.5 DLL on/off switching procedure
DDR3 DLL-off mode is entered by setting MR1 bit A0 to “1”; this will disable the DLL for subsequent operation until A0 bit
set back to “0”.
2.4.5.1 DLL “on” to DLL “off” Procedure
To switch from DLL “on” to DLL “off” requires te frequency to be changed during Self-Refresh outlined in the following
procedure:
1. Starting from Idle state (all banks pre-charged, all timing fulfilled, and DRAMs On-die Termination resistors, RTT,
must be in high impedance state before MRS to MR1 to disable the DLL).
2. Set MR1 Bit A0 to “1” to disable the DLL.
3. Wait tMOD.
4. Enter Self Refresh Mode; wait until (tCKSRE) satisfied.
5. Change frequency, in guidance with “Input Clock Frequency Change” section.
6. Wait until a stable clock is available for at least (tCKSRX) at DRAM inputs.
7. Starting with the Self Refresh Exit command, CKE must continuously be registered HIGH until all tMOD timings from
any MRS command are satisfied. In addition, if any ODT features were enabled in the mode registers when Self
Refresh mode was entered, the ODT signal must continuously be registered LOW until all tMOD timings from any
MRS command are satisfied. If both ODT features were disabled in the mode registers when Self Refresh mode was
entered, ODT signal can be registered LOW or HIGH.
8. Wait tXS, and then set Mode Registers with appropriate values (especially an update of CL, CWL, and WR may be
necessary. A ZQCL command may also be issued after tXS).
9. Wait for tMOD, and then DRAM is ready for next command.
2.4.5.2 DLL “off” to DLL “on” Procedure
To switch from DLL “off” to DLL “on” (with required frequency change) during Self-Refresh:
1. Starting from Idle state (All banks pre-charged, all timings fulfilled and DRAMs On-die Termination resistors (RTT)
must be in high impedance state before Self-Refresh mode is entered.)
2. Enter Self Refresh Mode, wait until tCKSRE satisfied.
3. Change frequency, in guidance with "Input clock frequency change".
4. Wait until a stable clock is available for at least (tCKSRX) at DRAM inputs.
5. Starting with the Self Refresh Exit command, CKE must continuously be registered HIGH until tDLLK timing from
subsequent DLL Reset command is satisfied. In addition, if any ODT features were enabled in the mode registers
when Self Refresh mode was entered, the ODT signal must continuously be registered LOW until tDLLK timings from
subsequent DLL Reset command is satisfied. If both ODT features are disabled in the mode registers when Self
Refresh mode was entered, ODT signal can be registered LOW or HIGH.
6. Wait tXS, then set MR1 bit A0 to “0” to enable the DLL.
7. Wait tMRD, then set MR0 bit A8 to “1” to start DLL Reset.
8. Wait tMRD, then set Mode Registers with appropriate values (especially an update of CL, CWL and WR may be
necessary. After tMOD satisfied from any proceeding MRS command, a ZQCL command may also be issued during
or after tDLLK.)
9. Wait for tMOD, then DRAM is ready for next command (Remember to wait tDLLK after DLL Reset before applying
command requiring a locked DLL!). In addition, wait also for tZQoper in case a ZQCL command was issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com