Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL150 Datasheet(PDF) 2 Page - SICK AG

Part # PL150
Description  Rectangular, self-adhesive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PL150 Datasheet(HTML) 2 Page - SICK AG

  PL150 Datasheet HTML 1Page - SICK AG PL150 Datasheet HTML 2Page - SICK AG PL150 Datasheet HTML 3Page - SICK AG PL150 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PL150
Ordering information
Type
Part no.
PL150
5315548
Other models and accessories
www.sick.com/
Detailed technical data
Technical specifications
Accessory group
Reflectors
Accessory family
Angular
Description
Rectangular, self-adhesive
Mounting system type
Self-adhesive
Ambient operating temperature
–20 °C ... +65 °C
Dimensions
18 mm x 150 mm
Reflective area
14 mm x 146 mm
Material
PMMA/ABS
Classifications
ECLASS 5.0
27279203
ECLASS 5.1.4
27279203
ECLASS 6.0
27279203
ECLASS 6.2
27279203
ECLASS 7.0
27279203
ECLASS 8.0
27279203
ECLASS 8.1
27279203
ECLASS 9.0
27273601
ECLASS 10.0
27273601
ECLASS 11.0
27273601
ECLASS 12.0
27273601
ETIM 5.0
EC002467
ETIM 6.0
EC002467
ETIM 7.0
EC002467
ETIM 8.0
EC002467
UNSPSC 16.0901
39111827
2
| SICK
Product data sheet | 2024-05-15 00:17:11
Subject to change without notice



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com