Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPTC0F8 Datasheet(PDF) 3 Page - ITT Industries

Part # KPTC0F8
Description  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0F8 Datasheet(HTML) 3 Page - ITT Industries

  KPTC0F8 Datasheet HTML 1Page - ITT Industries KPTC0F8 Datasheet HTML 2Page - ITT Industries KPTC0F8 Datasheet HTML 3Page - ITT Industries KPTC0F8 Datasheet HTML 4Page - ITT Industries KPTC0F8 Datasheet HTML 5Page - ITT Industries KPTC0F8 Datasheet HTML 6Page - ITT Industries KPTC0F8 Datasheet HTML 7Page - ITT Industries KPTC0F8 Datasheet HTML 8Page - ITT Industries KPTC0F8 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3
KPTC
Technical Data
Material and Finshes
Shell
Aluminium alloy, zink/cobalt-plating or galvanic nickel
Insulator
Polychloroprene
Grommet and seal
Polychloroprene
Contacts
Copper alloy, had gold or hard silver plated
Mechanical Data
Shell styles
0 - wall mounting receptacle
2 - box mounting receptacle
6 - straight plug
7 - jam nut receptacle
Shell sizes
8 - 24
Polarization/Coupling
five keyways/3-point bayonet coupling
Service classes
E - with grommet seal
F - with grommet seal and strain relief
D -with endbell for PG adapters
Water tightness
Acc to VG 95319 Teil 2, Test Nr. 5.9.2
for shell styles A to E, J to W, Z1, Z2 and Z3 as well as gaskets A and B
Test pressure 0,2bar overpressure
Test duration 48 h
Test temperature 25
± 0,3ϒC
Connector to be free of moisture
Electrical Data
Number of contacts
2 through 61
Wire size
0,4 - 2,0 mm2
Contact termination
Crimp technque
Contact rating
Size
Rated Amps
Test current A
Millivolt drop mV
20
7,5
7,5
less than 55
16
22
13
less than 50
Service rating
Test voltage
Service rating
Vrms
VDC
at sea level
1
1500
2100
2
2300
3200
at 21336 m height
1
375
535
2
550
770
The hereunder service rating information are valid for male or female connectors mated or unmated
at sea level
21336 m
Average flashover
1500 V
500 V
Test voltage
1000 V
325 V
The operation voltage is to be selected acc. to VDE 0110
Operating voltage
and connector usage
Connectors are equipment which must not be separated or mated when used as per determination. Acc to specification
the connectors are suitable for an operating voltage of 50 V (see product safety information). However, this is only valid
when the connectors are free accessible during operation and consequently might be touchable. When connectors will
be operated with line voltage, ITT Cannon offers a solution, too. Please consult factory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com