Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KPTC0F20 Datasheet(PDF) 16 Page - ITT Industries

Part # KPTC0F20
Description  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0F20 Datasheet(HTML) 16 Page - ITT Industries

Back Button KPTC0F20 Datasheet HTML 12Page - ITT Industries KPTC0F20 Datasheet HTML 13Page - ITT Industries KPTC0F20 Datasheet HTML 14Page - ITT Industries KPTC0F20 Datasheet HTML 15Page - ITT Industries KPTC0F20 Datasheet HTML 16Page - ITT Industries KPTC0F20 Datasheet HTML 17Page - ITT Industries KPTC0F20 Datasheet HTML 18Page - ITT Industries KPTC0F20 Datasheet HTML 19Page - ITT Industries KPTC0F20 Datasheet HTML 20Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
KPTC
Subject to changes
Dimensions areinches
Shell size
for rear mounting
for front mounting
R
T
D +.010-.000
D +.010- .000
± .006
+.012
8
.618
.575
.595
.122
10
.736
.701
.720
.122
12
.882
.827
.811
.122
14
1.004
.949
.906
.122
16
1.184
1.075
.969
.122
18
.1232
1.201
1.063
.122
20
1.358
1.327
1.157
.122
22
1.484
1.449
1.252
.122
24
1.610
1.575
1.374
.142
Dimensions are inches
Shell size
P max
(for rear mounting panel thickness is included)
8
.087
10
.087
12
.087
14
.087
16
.087
18
.087
20
.213
22
.213
24
.213
Panel Cutouts
Box mounting receptacle
Dimensions are mm
Shell size
for rear mounting
for front mounting
R
T
D +0,25 -0
D +0,25 - 0
± 0,15
+ 0,3
8
15,7
14,6
15,1
3,1
10
18,7
17,8
18,3
3,1
12
22,4
21,0
20,6
3,1
14
25,5
24,1
23,0
3,1
16
28,3
27,3
24,6
3,1
18
31,3
30,5
27,0
3,1
20
34,5
33,7
29,4
3,1
22
37,7
38,8
31,8
3,1
24
40,9
40,0
34,9
3,1
Mounting hole diameter
Dimensions are mm
Shell size
P max.
(for rear mounting panel thickness is included)
8
2,20
10
2,20
12
2,20
14
2,20
16
2,20
18
2,20
20
5,40
22
5,40
24
5,40
Rear mounting
Front mounting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com