Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF7045-C Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF7045-C
Description  SMD SHIELDED TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF7045-C Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF7045-C Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
7.0
3.0
1.55
6.5
2.2
3.6
10.0
± 0.3
3.8
± 0.2
100
■ELECTRICAL CHARACTERISTICS
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 30% at rated current
• IDC2(The temperature rise): △T = 30˚C at rated current
LPF1040 SERIES
SMD Shielded type
■SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
■TEST EQUIPMENTS
-40 ~ +105˚C (Including self-generated heat)
■OPERATING TEMPERATURE RANGE
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(
Ω)Max
IDC1
IDC2
(KHz)
(Max.)
(Ref.)
LPF1040T-1R8N
LPF1040T-3R7N
LPF1040T-4R7N
LPF1040T-6R8N
LPF1040T-8R2M
LPF1040T-100M
LPF1040T-150M
LPF1040T-220M
LPF1040T-330M
LPF1040T-470M
LPF1040T-680M
LPF1040T-101M
LPF1040T-221M
1.8
3.7
4.7
6.8
8.2
10
15
22
33
47
68
100
220
0.010
0.013
0.016
0.025
0.027
0.035
0.050
0.073
0.093
0.150
0.213
0.304
0.756
8.50
7.00
5.80
5.50
4.80
4.40
3.60
2.90
2.40
2.10
1.50
1.35
0.92
6.50
5.50
5.20
5.00
4.80
3.80
3.10
2.50
2.20
1.90
1.42
1.25
0.70
100
± 20
± 30
24
SMD TYPE
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(m
Ω)Max
IDC1
IDC2
(KHz)
( Max.)
(Ref.)
7.0±0.2
4.5±0.2
3.8
2.0
H1R8
• Inductance: Agilent 4284A LCR Meter
(100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 30% at rated current
• IDC2(The temperature rise): △T = 40˚C at rated current
LPF7045-C SERIES
SMD Shielded type
■SHAPES & DIMENSIONS
RECOMMENDED SOLDER LAND PATTERN
(Dimensions in mm)
■TEST EQUIPMENTS
■ELECTRICAL CHARACTERISTICS
LPF7045T-1R0N-C
LPF7045T-1R5N-C
LPF7045T-1R8N-C
LPF7045T-3R0M-C
LPF7045T-4R7M-C
LPF7045T-6R8M-C
LPF7045T-8R2M-C
LPF7045T-100M-C
1.0
1.5
1.8
3.0
4.7
6.8
8.2
10
10.5
12.6
14.8
25.5
33.0
43.5
53.5
59.5
11.3
9.4
7.4
5.7
4.4
3.8
3.4
3.2
6.1
5.5
5.0
4.3
3.5
3.1
2.9
2.5
100
± 20
± 30
-20 ~ +85˚C (Including self-generated heat)
■OPERATING TEMPERATURE RANGE


Similar Part No. - LPF7045-C

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF7045-C ABCO-LPF7045-C Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7045-C ABCO-LPF7045-C_12 Datasheet
100Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF7045-C

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015T-1R5M ABCO-LPF2015T-1R5M Datasheet
462Kb / 1P
SMD SHIELDED TYPE
LPF2010T-1R5M ABCO-LPF2010T-1R5M Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF1280T-1R0M ABCO-LPF1280T-1R0M Datasheet
450Kb / 1P
SMD SHIELDED TYPE
LPF1245T-1R5M ABCO-LPF1245T-1R5M Datasheet
455Kb / 1P
SMD SHIELDED TYPE
LPM1250 ABCO-LPM1250 Datasheet
448Kb / 1P
SMD SHIELDED TYPE
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
SMD SHIELDED TYPE
LPF6025 ABCO-LPF6025 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF4027 ABCO-LPF4027 Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF4017 ABCO-LPF4017 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF3015 ABCO-LPF3015 Datasheet
463Kb / 1P
SMD SHIELDED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com