Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4033B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4033B
Description  7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4033B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF4033B Datasheet HTML 3Page - STMicroelectronics HCF4033B Datasheet HTML 4Page - STMicroelectronics HCF4033B Datasheet HTML 5Page - STMicroelectronics HCF4033B Datasheet HTML 6Page - STMicroelectronics HCF4033B Datasheet HTML 7Page - STMicroelectronics HCF4033B Datasheet HTML 8Page - STMicroelectronics HCF4033B Datasheet HTML 9Page - STMicroelectronics HCF4033B Datasheet HTML 10Page - STMicroelectronics HCF4033B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD values is 0.3%/°C, all input rise and fall times = 20ns)
Val ue
Symbol
Parameter
Test Conditions
V DD (V) Min.
Typ.
Max.
Unit
CLOCKED OPERATI ON
t PLH,tPHL Propagation Delay Time
Carry Out Line
5250
500
ns
10
100
200
15
75
150
t PLH,tPHL Propagation Delay Time
Decode Out Lines
5350
700
ns
10
125
250
15
90
180
t THL,tTLH Transition Time
Carry Out Line
5100
200
ns
10
50
100
15
25
50
f CL *
Maximum Clock Input Frequency
5
2.5
5
MHz
10
5.5
11
15
8
16
t WC
Clock Pulse Width
5
110
270
ns
10
50
100
15
40
80
t r,tf
Clock Input Rise or Fall Time
5
10
15
Unlimited
µs
RESET OPERATI ON
t PL H,
Propagation Delay Time
Carry Out Line
5275
550
ns
10
120
240
15
80
160
t PLH,tPHL Propagation Delay Time
Decode Out Lines
5300
600
ns
10
125
250
15
90
180
t WR
Reset Pulse Width
5
100
120
ns
10
50
100
15
25
50
t re m
Reset Removal Time
5
0
30
ns
10
0
15
15
0
10
* Measured with respect to carry output line.
HCC/HCF4026B/4033B
7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com