Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM625 Datasheet(PDF) 39 Page - Texas Instruments

Part # AM625
Description  AM62x Sitara™ Processors
PDF  276 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM625 Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM625 Datasheet HTML 35Page - Texas Instruments AM625 Datasheet HTML 36Page - Texas Instruments AM625 Datasheet HTML 37Page - Texas Instruments AM625 Datasheet HTML 38Page - Texas Instruments AM625 Datasheet HTML 39Page - Texas Instruments AM625 Datasheet HTML 40Page - Texas Instruments AM625 Datasheet HTML 41Page - Texas Instruments AM625 Datasheet HTML 42Page - Texas Instruments AM625 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 276 page
background image
Table 5-1. Pin Attributes (ALW, AMC Packages) (continued)
ALW
BALL
NUMBER
[1]
AMC
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL)
[7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL)
[8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE [10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
AD17
AA16
RGMII1_RXC
PADCONFIG:
PADCONFIG82
0x000F4148
RGMII1_RXC
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII1_REF_CLK
1
I
0
PR0_UART0_CTSn
2
I
1
GPIO0_80
7
IO
pad
AE17
W14
RGMII1_RX_CTL
PADCONFIG:
PADCONFIG81
0x000F4144
RGMII1_RX_CTL
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII1_RX_ER
1
I
0
GPIO0_79
7
IO
pad
AE19
W16
RGMII1_TXC
PADCONFIG:
PADCONFIG76
0x000F4130
RGMII1_TXC
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII1_CRS_DV
1
I
0
GPIO0_74
7
IO
pad
AD19
V15
RGMII1_TX_CTL
PADCONFIG:
PADCONFIG75
0x000F412C
RGMII1_TX_CTL
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII1_TX_EN
1
O
GPIO0_73
7
IO
pad
AD23
V18
RGMII2_RXC
PADCONFIG:
PADCONFIG96
0x000F4180
RGMII2_RXC
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII2_REF_CLK
1
I
0
MCASP2_AXR1
2
IO
0
PR0_PRU0_GPO1
3
IO
0
PR0_PRU0_GPI1
4
I
0
PR0_ECAP0_SYNC_IN
5
I
0
GPIO1_2
7
IO
pad
AD22
W19
RGMII2_RX_CTL
PADCONFIG:
PADCONFIG95
0x000F417C
RGMII2_RX_CTL
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII2_RX_ER
1
I
0
MCASP2_AXR3
2
IO
0
PR0_PRU0_GPO0
3
IO
0
PR0_PRU0_GPI0
4
I
0
GPIO1_1
7
IO
pad
AE21
Y18
RGMII2_TXC
PADCONFIG:
PADCONFIG90
0x000F4168
RGMII2_TXC
0
IO
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII2_CRS_DV
1
I
0
MCASP2_AXR5
2
IO
0
PR0_PRU1_GPO1
3
O
PR0_PRU1_GPI1
4
I
0
GPIO0_88
7
IO
pad
www.ti.com
AM625, AM625-Q1, AM623, AM620-Q1
SPRSP58C – JUNE 2022 – REVISED OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AM625 AM625-Q1 AM623 AM620-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com