Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF4027 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF4027
Description  SMD SHIELDED TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF4027 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF4027 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(m
Ω)Max
IDC1
IDC2
(KHz)
( )is typical value.
(Max.)
(Ref.)
5.2
± 0.2
220
1.75 MAX
0.65
1.5
3.0
6.0
3.90
2.40
3.0
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 30% at rated current
• IDC2(The temperature rise): △T = 30˚C at rated current
LPF5017 SERIES
SMD Shielded type
■SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
■TEST EQUIPMENTS
-20 ~ +85˚C (Including self-temp. rise)
■OPERATING TEMPERATURE RANGE
■ELECTRICAL CHARACTERISTICS
LPF5017T-1R0M
LPF5017T-2R2M
LPF5017T-3R0M
LPF5017T-4R7M
LPF5017T-6R8M
LPF5017T-100M
LPF5017T-150M
LPF5017T-220M
LPF5017T-330M
LPF5017T-470M
1.0
2.2
3.0
4.7
6.8
10
15
22
33
47
40(29)
45(33)
57(47)
80(69)
106(93)
150(125)
220(192)
300(264)
455(425)
645(613)
3.80
2.20
2.10
1.70
1.20
1.00
0.85
0.80
0.65
0.57
2.71
2.09
1.94
1.67
1.56
1.13
1.06
0.81
0.69
0.57
100
± 20
20
SMD TYPE
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Ordering Code
Inductance
Inductance
Test Freq.
DC Resistance
Rated
(
µH)
TOL.(%)
(KHz)
(
Ω)Max
Current(A)
6.6 MAX
6.6 MAX
6.9
4.1
1.4
4.5
1.0
152
1.3
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current:
Agilent 4284A + Agilent 42841A
Temperature rise 30
˚C at rated current
LPF4027-B SERIES
SMD Shielded type
■SHAPES & DIMENSIONS
RECOMMENDED SOLDER LAND PATTERN
(Dimensions in mm)
■TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
■OPERATING TEMPERATURE RANGE
■ELECTRICAL CHARACTERISTICS
LPF4027T-102M-B
LPF4027T-152M-B
LPF4027T-222M-B
LPF4027T-332M-B
LPF4027T-472M-B
1.0
1.5
2.2
3.3
4.7
9
11
19
24
30
100
80
50
40
30
100
± 20


Similar Part No. - LPF4027

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF4027 ABCO-LPF4027 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF4027 ABCO-LPF4027 Datasheet
102Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF4027-B ABCO-LPF4027-B Datasheet
102Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF4027T-100M ABCO-LPF4027T-100M Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF4027T-100M ABCO-LPF4027T-100M Datasheet
102Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF4027

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015T-1R5M ABCO-LPF2015T-1R5M Datasheet
462Kb / 1P
SMD SHIELDED TYPE
LPF2010T-1R5M ABCO-LPF2010T-1R5M Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF1280T-1R0M ABCO-LPF1280T-1R0M Datasheet
450Kb / 1P
SMD SHIELDED TYPE
LPF1245T-1R5M ABCO-LPF1245T-1R5M Datasheet
455Kb / 1P
SMD SHIELDED TYPE
LPM1250 ABCO-LPM1250 Datasheet
448Kb / 1P
SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
SMD SHIELDED TYPE
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
SMD SHIELDED TYPE
LPF6025 ABCO-LPF6025 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF4017 ABCO-LPF4017 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF3015 ABCO-LPF3015 Datasheet
463Kb / 1P
SMD SHIELDED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com