Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF3015-C Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF3015-C
Description  SMD SHIELDED TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF3015-C Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF3015-C Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
18
SMD TYPE
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
LPF3015 SERIES
SMD Shielded type
2.8
±0.2
3.7
±0.2
1.4MAX
3.1
3.1
1.7
1.7
1.2
1.2
0.6
E
10
1
0.1
100
100
10
1
1000
10000
Current(mA)
2.2
µH
68
µH
47
µH
33
µH
22
µH
15
µH
10
µH
6.8
µH
4.7
µH
3.3
µH
1.8
µH
1.5
µH
• Inductance: Agilent 4284A LCR Meter
(100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current):
△L ≤ -35% reduction from nominal L value
• IDC2(The temperature rise):
△T = 40˚C typical at rated current
■SHAPES & DIMENSIONS RECOMMENDED PCB PATTERN
(Dimensions in mm)
■TEST EQUIPMENTS
-30 ~ +85˚C (Including self-temp. rise)
■OPERATING TEMPERATURE RANGE
■ELECTRICAL CHARACTERISTICS
LPF3015T-1R5N
LPF3015T-1R8N
LPF3015T-2R2M
LPF3015T-3R3M
LPF3015T-4R7M
LPF3015T-6R8M
LPF3015T-100M
LPF3015T-150M
LPF3015T-220M
LPF3015T-330M
LPF3015T-470M
LPF3015T-680M
A
B
C
D
E
F
H
J
K
M
N
P
1.5
1.8
2.2
3.3
4.7
6.8
10
15
22
33
47
68
0.041
0.050
0.053
0.087
0.116
0.145
0.227
0.372
0.456
0.825
0.963
1.583
1.00
0.98
0.90
0.85
0.70
0.58
0.45
0.36
0.30
0.24
0.19
0.16
2.00
1.80
1.70
1.40
1.30
1.20
0.90
0.80
0.70
0.50
0.40
0.20
± 20
100
± 30
Ordering Code
Inductance
(
µH)
Inductance
TOL.(%)
Marking
DC Resistance
(
Ω )
±20%
( )is typical value.
Test
Freq.
(
KHz)
Rated Current[A]
IDC1
(
Max.)
IDC2
(
Typ.)
LPF3015-C SERIES
SMD Shielded type
1.5MAX
3.1
3.1
1.7
1.7
1.2
1.2
0.6
2.8
±0.2
3.7
±0.2
H2R2
10
1
0.1
100
100
10
1
1000
10000
Current(mA)
47
µH
33
µH
22
µH
15
µH
10
µH
6.8
µH
4.7
µH
3.3
µH
2.2
µH
1.5
µH
• Inductance: Agilent 4284A LCR Meter
(100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current):
△L ≤ -35% reduction from nominal L value
• IDC2(The temperature rise):
△T = 40˚C typical at rated current
■SHAPES & DIMENSIONS RECOMMENDED PCB PATTERN
(Dimensions in mm)
■TEST EQUIPMENTS
-30 ~ +85˚C (Including self-temp. rise)
■OPERATING TEMPERATURE RANGE
■ELECTRICAL CHARACTERISTICS
LPF3015T-1R5N-C
LPF3015T-2R2M-C
LPF3015T-3R3M-C
LPF3015T-4R7M-C
LPF3015T-6R8M-C
LPF3015T-100M-C
LPF3015T-150M-C
LPF3015T-220M-C
LPF3015T-330M-C
LPF3015T-470M-C
H1R5
H2R2
H3R3
H4R7
H6R8
H100
H150
H220
H330
H470
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
0.069(0.062)
0.098(0.084)
0.140(0.123)
0.190(0.172)
0.270(0.254)
0.410(0.386)
0.520(0.386)
0.830(0.764)
1.250(1.116)
1.980(1.835)
1.65
1.40
1.10
0.90
0.85
0.68
0.58
0.48
0.35
0.30
1.65
1.40
1.20
1.10
0.90
0.75
0.65
0.50
0.40
0.30
± 20
100
± 30
Ordering Code
Inductance
(
µH)
Inductance
TOL.(%)
Marking
DC Resistance
(
Ω)Max.
( )is typical value.
Test
Freq.
(
KHz)
Rated Current[A]
IDC1
(
Max.)
IDC2
(
Typ.)


Similar Part No. - LPF3015-C

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF3015-C ABCO-LPF3015-C Datasheet
107Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF3015-C

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015T-1R5M ABCO-LPF2015T-1R5M Datasheet
462Kb / 1P
SMD SHIELDED TYPE
LPF2010T-1R5M ABCO-LPF2010T-1R5M Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF1280T-1R0M ABCO-LPF1280T-1R0M Datasheet
450Kb / 1P
SMD SHIELDED TYPE
LPF1245T-1R5M ABCO-LPF1245T-1R5M Datasheet
455Kb / 1P
SMD SHIELDED TYPE
LPM1250 ABCO-LPM1250 Datasheet
448Kb / 1P
SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
SMD SHIELDED TYPE
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
SMD SHIELDED TYPE
LPF6025 ABCO-LPF6025 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF4027 ABCO-LPF4027 Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF4017 ABCO-LPF4017 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com