Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPA397DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA397DBVT
Description  OPAx397 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA397DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA397DBVT Datasheet HTML 9Page - Texas Instruments OPA397DBVT Datasheet HTML 10Page - Texas Instruments OPA397DBVT Datasheet HTML 11Page - Texas Instruments OPA397DBVT Datasheet HTML 12Page - Texas Instruments OPA397DBVT Datasheet HTML 13Page - Texas Instruments OPA397DBVT Datasheet HTML 14Page - Texas Instruments OPA397DBVT Datasheet HTML 15Page - Texas Instruments OPA397DBVT Datasheet HTML 16Page - Texas Instruments OPA397DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
5.8 Typical Characteristics (continued)
at TA = 25°C, VS = 5.5V, VCM = VS / 2, RLOAD = 10kΩ connected to VS / 2, and CL = 100pF (unless otherwise noted)
Figure 5-23. Open-Loop Output Impedance vs Frequency
G = –1
Figure 5-24. Small-Signal Overshoot vs Capacitive Load
(10
‑mV Step)
G = 1
Figure 5-25. Small-Signal Overshoot vs Capacitive Load
(10
‑mV Step)
Figure 5-26. No Phase Reversal
www.ti.com
OPA397, OPA2397, OPA4397
SBOSA02A – AUGUST 2021 – REVISED APRIL 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: OPA397 OPA2397 OPA4397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com