Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4020BF Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4020BF
Description  RIPPLE-CARRY BINARY COUNTER/DIVIDERS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4020BF Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4020BF Datasheet HTML 1Page - STMicroelectronics HCC4020BF Datasheet HTML 2Page - STMicroelectronics HCC4020BF Datasheet HTML 3Page - STMicroelectronics HCC4020BF Datasheet HTML 4Page - STMicroelectronics HCC4020BF Datasheet HTML 5Page - STMicroelectronics HCC4020BF Datasheet HTML 6Page - STMicroelectronics HCC4020BF Datasheet HTML 7Page - STMicroelectronics HCC4020BF Datasheet HTML 8Page - STMicroelectronics HCC4020BF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25°C, CL = 50pF, RL = 200kΩ,
typical temperature coefficient for all VDD = 0.3%/°C values, all input rise and fall time = 20ns).
Val ue
Symbol
Parameter
Test Conditions
V DD (V) Min.
Typ.
Max.
Unit
I NPUT-PULSE OPERATION
t PLH,tPHL Propagation Delay Time
(Ø to Q1 Out)
5180
360
ns
10
80
160
15
65
130
t PLH,tPHL Propagation Delay Time
Qn to Qn+1
5100
200
ns
10
40
80
15
30
60
t TL H,tTHL Transition Time
5
100
200
ns
10
50
100
15
40
80
t W
Minimum Input Pulse Width
5
70
140
ns
10
30
60
15
20
40
t r,tf
Input Pulse Rise and Fall Time
5
Unlimited
µs
10
15
f max
Maximum Clock Input Frequency
5
3.5
7
MHz
10
8
16
15
12
24
RESET OPERATI ON
t PHL
Propagation Delay Time
5
140
280
ns
10
60
120
15
50
100
t W
Minimum Reset Pulse Width
5
100
200
ns
10
40
80
15
30
60
t re m
Reset Removal Time
5
175
350
ns
10
75
150
15
50
100
HCC/HCF4020B/24B/40B
5/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com