Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4028BF Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4028BF
Description  BCD-TO-DECIMAL DECODER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4028BF Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4028BF Datasheet HTML 1Page - STMicroelectronics HCC4028BF Datasheet HTML 2Page - STMicroelectronics HCC4028BF Datasheet HTML 3Page - STMicroelectronics HCC4028BF Datasheet HTML 4Page - STMicroelectronics HCC4028BF Datasheet HTML 5Page - STMicroelectronics HCC4028BF Datasheet HTML 6Page - STMicroelectronics HCC4028BF Datasheet HTML 7Page - STMicroelectronics HCC4028BF Datasheet HTML 8Page - STMicroelectronics HCC4028BF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HCC/HCF4028B
BCD-TO-DECIMAL DECODER
DESCRIPTION
.
BCD-TO-DECIMAL DECODING OR BINARY-
TO-OCTAL DECODING
.
HIGH DECODED OUTPUTDRIVE CAPABILITY
.
”POSITIVE LOGIC” INPUTS AND OUTPUTS :
DECODED OUTPUTS GO HIGH ON SELEC-
TION
.
MEDIUM-SPEED OPERATION : tPHL,tPLH =
80ns (typ.) @ VDD = 10V
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4028B (extended temperature range) and
HCF4028B (intermediate temperature range) are
monolithic integrated circuit, available in 16-lead
dual in-line plastic or ceramic package and plastic
micropackage.
The HCC/HCF4028B types are BCD-to-decimal or
binary-to-octal decoders consisting of buffering on
all 4 inputs, decoding-logic gates, and 10 output buf-
fers. A BCD code applied to the four inputs, A to D,
results in a high level at the selected one of 10 de-
cimal decoded outputs. Similarly, a 3-bit binary code
applied to inputs A through C is decoded in octal
code at output 0 to 7 if D = ”0”. High drive capability
is provided at all outputs to enhance dc and dynamic
performance in high fan-out applications.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4028BF
HCF4028BM1
HCF4028BEY
HCF4028BC1
PIN CONNECTIONS
M1
(Micro Package)
1/14


Similar Part No. - HCC4028BF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4028B STMICROELECTRONICS-HCC4028B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4028B STMICROELECTRONICS-HCC4028B Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4028BD STMICROELECTRONICS-HCC4028BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4028BDG STMICROELECTRONICS-HCC4028BDG Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
HCC4028BDT STMICROELECTRONICS-HCC4028BDT Datasheet
336Kb / 16P
Rad-hard, high voltage, CMOS logic series
05-Nov-2020
More results

Similar Description - HCC4028BF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
BCD-to-decimal decoder
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
BCD to decimal decoder
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com