Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-4 Datasheet(PDF) 2 Page - Sumida Corporation

Part # S-4
Description  RF COILS < Pin Type: S-4 Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

S-4 Datasheet(HTML) 2 Page - Sumida Corporation

  S-4 Datasheet HTML 1Page - Sumida Corporation S-4 Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: S-4, S-4N
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
RF COILS < Pin Type: S-4 Series>
◆
Connection (Bottom View)
S-4
S-4N
“
S”is winding start.
◆
Specification (S- 4) (Part No. 2250-T050)
Item
(1-3)
Measuring Condition
Tuning capacity
15
.3pF±1% Variable
60 MHz
Unloaded Qu
25 Min
.
60 MHz
◆
Specification (S- 4N) (Part No.2230-T019)
Item
(1-3)
Measuring Condition
Tuning Capacity
58pF
±1% Variable
80MHz
Unloaded Qu
Min.30
80MHz
Inductance
80nH(
Ref.)
98MHz
①
③④
⑥
S
①
③④
⑥
S
S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com