Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-5DJ/AM Datasheet(PDF) 2 Page - Sumida Corporation

Part # P-5DJ/AM
Description  IFT COILS < P-5DJ Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-5DJ/AM Datasheet(HTML) 2 Page - Sumida Corporation

  P-5DJ/AM Datasheet HTML 1Page - Sumida Corporation P-5DJ/AM Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: P-5DJ/FM, P-5DJ/AM, P-5DJ/SW, P-5DJ/MW
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < P-5DJ Series>
◆ Specification ( P-5DJ/FM, Part No.:4162-T124)
Item
(1−3)
Measuring Conditions
Frequency
10.7MHz ± 3%
Variable
Unloaded
Q
60 Min.
10.7 MHz
Capacity (Int.)
47± 10% Within
E
xt. stray capacity 6pF between (1-3) at measuring.
◆ Specification ( P-5DJ/AM Part No.:4161-T118)
Item
(3−1)
Measuring Conditions
Tuning frequency
450 kHz ± 2%
Variable
Unloaded Q
60 Min.
450 kHz
Capacity(Int.)
180pF ± 10% Within
Ext. Stray capacity 5pF between (3-1) at measuring.
◆ Specification( P-5DJ/SW Part No.:4165-T123)
Item
(1−3)
Measuring Conditions
Inductance
60µH ± 4%
Variable
2.52MHz
Unloaded
Q
65 Min.
2.52 MHz
◆ Specification( P-5DJ/MW Part No.:4164-T078)
Item
(1−3)
Measuring Conditions
Inductance
680µH ± 5%
Variable
796kHz
Unloaded
Q
75 Min.
796kHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com