Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P-5LG/FM Datasheet(PDF) 2 Page - Sumida Corporation

Part # P-5LG/FM
Description  IFT COILS < Pin Type P-5 Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

P-5LG/FM Datasheet(HTML) 2 Page - Sumida Corporation

  P-5LG/FM Datasheet HTML 1Page - Sumida Corporation P-5LG/FM Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: P-5LG/AM, P-5LG/MW, P-5LG/SW , P-5LG/FM
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
IFT COILS < Pin Type P-5 Series>
◆ Specification(P-5LG/AM)
Item
(1−3)
Measuring Condition
Frequency
455kHz±2% Variable
Capacity (Int.)
180pF±10%
Unloaded Q
60±20% Within
455kHz
◆ Specification(P-5LG/MW)
Item
(1−3)
Measuring Condition
Inductance
360µH ±4% Variable
796kHz
Unloaded Q
60 Min.
796kHz
◆ Specification(P-5LG/SW)
Item
(4−6)
Measuring Condition
Inductance
115µH±5% Variable
796kHz
Unloaded Q
50Min.
796kHz
◆ Specification(P-5LG/FM)
Item
(1−3)
Measuring Condition
Frequency
10.7MHz±2% Variable
Unloaded Q
55Min.
10.7MHz
Capacity (INT.)
51pF±10%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com