Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF7030 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF7030
Description  SMD SHIELDED TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF7030 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF7030 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 30% at rated current
• IDC2(The temperature rise): △T = 35˚C at rated current
TEST EQUIPMENTS
-40 ~ +105˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(m
Ω)Max
IDC1
IDC2
(KHz)
(Max.)
(Ref.)
7.0
± 0.2
2.0
±0.1
3.0
± 0.2
0.1
1.2
4.6
H1R5
2.0
3.8
2.2
ELECTRICAL CHARACTERISTICS
LPF7030T-1R0N
LPF7030T-1R5N
LPF7030T-2R2M
LPF7030T-3R3M
LPF7030T-4R7M
LPF7030T-6R8M
LPF7030T-100M
1.0
1.5
2.2
3.3
4.7
6.8
10
8.40
12.0
14.2
19.8
31.0
45.0
60.0
8.3
6.5
5.7
4.4
3.5
3.0
2.5
5.3
4.9
4.4
4.0
3.3
2.8
2.3
100
± 30
± 20
LPF7030 SERIES
SMD Shielded type
Low RDC, High Current
SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
22
SMD TYPE
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(
Ω)
±20%
IDC1
IDC2
(KHz)
(Max.)
(Ref.)
3.8
2.2
2.0
220
7.0
±0.2
2.8
±0.2
0.1
4.6
±0.1
2.0
±0.1
1.2
ELECTRICAL CHARACTERISTICS
LPF7028T-3R3M
LPF7028T-4R7M
LPF7028T-6R8M
LPF7028T-100M
LPF7028T-150M
LPF7028T-220M
LPF7028T-330M
LPF7028T-470M
LPF7028T-680M
LPF7028T-101M
3.3
4.7
6.8
10
15
22
33
47
68
100
0.0250
0.0290
0.0370
0.0615
0.1000
0.1330
0.1850
0.2750
0.3950
0.5500
2.00
1.50
1.30
1.10
0.88
0.75
0.65
0.54
0.45
0.40
2.7
2.4
2.1
2.0
1.6
1.2
1.1
0.9
0.7
0.6
100
± 20
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 10% at rated current
• IDC2(The temperature rise): △T = 20˚C at rated current
LPF7028 SERIES
SMD Shielded type
SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE


Similar Part No. - LPF7030

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF7030 ABCO-LPF7030 Datasheet
112Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7030T-100M ABCO-LPF7030T-100M Datasheet
112Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7030T-150M ABCO-LPF7030T-150M Datasheet
112Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7030T-1R0N ABCO-LPF7030T-1R0N Datasheet
112Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF7030T-1R5N ABCO-LPF7030T-1R5N Datasheet
112Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
More results

Similar Description - LPF7030

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015T-1R5M ABCO-LPF2015T-1R5M Datasheet
462Kb / 1P
SMD SHIELDED TYPE
LPF2010T-1R5M ABCO-LPF2010T-1R5M Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF1280T-1R0M ABCO-LPF1280T-1R0M Datasheet
450Kb / 1P
SMD SHIELDED TYPE
LPF1245T-1R5M ABCO-LPF1245T-1R5M Datasheet
455Kb / 1P
SMD SHIELDED TYPE
LPM1250 ABCO-LPM1250 Datasheet
448Kb / 1P
SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
SMD SHIELDED TYPE
LPF6025 ABCO-LPF6025 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF4027 ABCO-LPF4027 Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF4017 ABCO-LPF4017 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF3015 ABCO-LPF3015 Datasheet
463Kb / 1P
SMD SHIELDED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com