Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4030B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4030B
Description  QUAD EXCLUSIVE-OR GATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4030B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4030B Datasheet HTML 1Page - STMicroelectronics HCF4030B Datasheet HTML 2Page - STMicroelectronics HCF4030B Datasheet HTML 3Page - STMicroelectronics HCF4030B Datasheet HTML 4Page - STMicroelectronics HCF4030B Datasheet HTML 5Page - STMicroelectronics HCF4030B Datasheet HTML 6Page - STMicroelectronics HCF4030B Datasheet HTML 7Page - STMicroelectronics HCF4030B Datasheet HTML 8Page - STMicroelectronics HCF4030B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC/HCF4030B
November 1996
QUAD EXCLUSIVE-OR GATE
DESCRIPTION
.
MEDIUM-SPEED OPERATION – tPHL =tPLH =
60ns (typ.) @ CL = 50pF and VDD –VSS = 10V
.
LOW OUTPUT IMPEDANCE : 500
Ω (typ.) @
VDD –VSS = 10V
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
STANDARDIZED
SYMMETRICAL
OUTPUT
CHARACTERISTICS
.
5V, 10V, AND 15V PARAMETRIC RATINGS
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
The HCC4030B (extended temperature range) and
HCF4030B (intermediate temperature range) are
monolithic integrated circuit, available in 14-lead
dual in-line plastic or ceramic package and plastic
micro package.
The HCC/HCF4030B types consist of four inde-
pendent exclusive-OR gates integrated on a single
monolithic silicon chip. Each exclusive-OR gate con-
sists of four n-channel and four p-channel enhance-
ment-type transistors. All inputs and outputs are
protected against electrostatic effects.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4030BF
HCF4030BM1
HCF4030BEY
HCF4030BC1
PIN CONNECTIONS
1/12


Similar Part No. - HCF4030B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4030B STMICROELECTRONICS-HCF4030B Datasheet
565Kb / 10P
QUAD EXCLUSIVE-OR GATE
Sep-2002
HCF4030BEY STMICROELECTRONICS-HCF4030BEY Datasheet
565Kb / 10P
QUAD EXCLUSIVE-OR GATE
Sep-2002
HCF4030BM1 STMICROELECTRONICS-HCF4030BM1 Datasheet
565Kb / 10P
QUAD EXCLUSIVE-OR GATE
Sep-2002
HCF4030B STMICROELECTRONICS-HCF4030B_02 Datasheet
565Kb / 10P
QUAD EXCLUSIVE-OR GATE
Sep-2002
More results

Similar Description - HCF4030B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC10113 MOTOROLA-MC10113 Datasheet
104Kb / 5P
Quad Exclusive OR Gate
logo
STMicroelectronics
74LVQ86 STMICROELECTRONICS-74LVQ86 Datasheet
57Kb / 8P
QUAD EXCLUSIVE OR GATE
Feb-1999
M54HC86 STMICROELECTRONICS-M54HC86 Datasheet
232Kb / 9P
QUAD EXCLUSIVE OR GATE
Dec-1992
M74HCT86-2 STMICROELECTRONICS-M74HCT86-2 Datasheet
174Kb / 8P
QUAD EXCLUSIVE OR GATE
Sep-2001
logo
Toshiba Semiconductor
TC74HCT86AP TOSHIBA-TC74HCT86AP Datasheet
175Kb / 4P
QUAD EXCLUSIVE OR GATE
TC74LVX86F TOSHIBA-TC74LVX86F Datasheet
240Kb / 8P
QUAD EXCLUSIVE OR GATE
TC74VHC86F TOSHIBA-TC74VHC86F Datasheet
201Kb / 5P
QUAD EXCLUSIVE OR GATE
logo
Rohm
BU4030B ROHM-BU4030B Datasheet
46Kb / 4P
Quad exclusive OR gate
logo
National Semiconductor ...
CD4030M NSC-CD4030M Datasheet
97Kb / 4P
Quad EXCLUSIVE-OR Gate
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
QUAD EXCLUSIVE OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com