Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX54 Datasheet(PDF) 3 Page - Multicomp Pro

Part # BCX54
Description  PNP Medium Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BCX54 Datasheet(HTML) 3 Page - Multicomp Pro

  BCX54 Datasheet HTML 1Page - Multicomp Pro BCX54 Datasheet HTML 2Page - Multicomp Pro BCX54 Datasheet HTML 3Page - Multicomp Pro BCX54 Datasheet HTML 4Page - Multicomp Pro BCX54 Datasheet HTML 5Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page <3>
V1.0
11/09/19
PNP Medium Power Transistor
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Permissible pulse load
Ptotmax / PtotDC = f (tp)
Transition frequency fT = f (IC)
VCE = 10V
DC current gain hFE = f (IC)
VCE = 2V
Collector-emitter saturation voltage
IC = f (VCEsat), hFE = 10



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com