Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMSD2004S Datasheet(PDF) 2 Page - Shunxin Technology Co., Ltd.

Part # CMSD2004S
Description  SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

CMSD2004S Datasheet(HTML) 2 Page - Shunxin Technology Co., Ltd.

  CMSD2004S Datasheet HTML 1Page - Shunxin Technology Co., Ltd. CMSD2004S Datasheet HTML 2Page - Shunxin Technology Co., Ltd. CMSD2004S Datasheet HTML 3Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Typical Characteristics
Forward Characteristics
Reverse Characteristics
0.0
0.2
0.4
0.6
0.8
1.0
1.2
FORWARD VOLTAGE
V
F
(V)
Capacitance Characteristics Per Diode
= 2 5 ℃
a
f=1 MHz
0
4
8
12
16
20
REVERSE VOLTAGE V
R
(V)
1
10
REVERSE VOLTAGE V
R
(V)
Power Derating Curve
AMBIENT TEMPERATURE
25
50
75
100
T
a
250
200
(℃)
1000
0.01
250
200
300
100
150
125
100
150
100
100
0.1
0.1
0.1
0.1
50
10
10
0
0
5
1
1
1
T
T
a=25 ℃
T
a=100℃
SWITCHING DIODE
CMSD2004S
2
www.sxsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com