Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS2S-BF Datasheet(PDF) 1 Page - Multicomp Pro

Part # MCS2S-BF
Description  Slide Switch Double Side Recoil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCS2S-BF Datasheet(HTML) 1 Page - Multicomp Pro

  MCS2S-BF Datasheet HTML 1Page - Multicomp Pro MCS2S-BF Datasheet HTML 2Page - Multicomp Pro MCS2S-BF Datasheet HTML 3Page - Multicomp Pro MCS2S-BF Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page <1>
V1.0
08/09/20
Slide Switch
Double Side Recoil
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications:
Orientation
: Horizontal
Actuation Type
: Raised
Actuator Type
: Side
External Width
: 10.4mm
No. of Poles
: 1
Orientation
: Right Angle
Mechanical:
Operating Force
: 100 ±50gf
Travel
: 1.5 ±0.2mm
Operating Temperature Range
: -30 to +80°C
Storage Temperature Range
: -40 to +90°C
Electrical:
Electrical Life
: 50,000 Cycles
Non-Switching Rating
: 0.2mA, 5V DC
Switching Rating
: 300mA, 4V DC
Operating Force
: 0.98N
Max Contact Resistance
: 70mΩ
Min Insulation Resistance
: 100MΩ at 250V DC
Dielectric Strength
: 100V AC/1 Minute
Circuit
: 1P2T, 1P3T
Materials:
Cover
: Nickel Silver.
Contact Disc
: Alloy Copper, With Gold Cladding
Terminal
: Phosphor Bronze, With Silver Cladding
Base & Stem
: Nylon High Temperature Thermoplastic
Colour
: Black (1P2T), Brown (1P3T)


Similar Part No. - MCS2S-BF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS2 ETC1-MCS2 Datasheet
76Kb / 4P
PHOTON COUPLED ISOLATOR Ga As INFRARED EMITTING DIODE AND LIGHT ACTIVATED SCR
logo
Micro Commercial Compon...
MCS2010 MCC-MCS2010 Datasheet
656Kb / 4P
Dual N-Channel MOSFET
2016/02/03
logo
GE Solid State
MCS21 GESS-MCS21 Datasheet
94Kb / 2P
PHOTON COUPLED ISOLATOR
logo
Copal Electronics
MCS221D COPAL-MCS221D Datasheet
666Kb / 9P
Sub-miniature Slide Switches
MCS221DD COPAL-MCS221DD Datasheet
666Kb / 9P
Sub-miniature Slide Switches
More results

Similar Description - MCS2S-BF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
Slide Switch
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSAG ALPS-SSAG Datasheet
1Mb / 5P
Recoil Type for Single Side and Both Sides
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
Slide Switch
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
Slide Switch
SSAG ALPS-SSAG_15 Datasheet
1Mb / 5P
Recoil Type for Single-side and Both Sides
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com