Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPF6028 Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # LPF6028
Description  SMD SHIELDED TYPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

LPF6028 Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  LPF6028 Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(
Ω)
±20%
IDC1
IDC2
(KHz)
(Max.)
(Ref.)
6.0
±0.2
3.8
±0.1
1.8
±0.1
3.0
2.0
1.9
2.5MAX
150
6.0
±0.2
ELECTRICAL CHARACTERISTICS
LPF6025T-1R5M
LPF6025T-2R2M
LPF6025T-3R3M
LPF6025T-4R7M
LPF6025T-6R8M
LPF6025T-100M
LPF6025T-150M
LPF6025T-220M
LPF6025T-330M
LPF6025T-470M
LPF6025T-680M
LPF6025T-101M
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
0.0150
0.0155
0.0276
0.0306
0.0442
0.0573
0.0850
0.1220
0.1800
0.2400
0.3700
0.5000
2.70
2.20
1.60
1.50
1.30
1.00
0.88
0.73
0.59
0.48
0.42
0.33
3.70
3.40
2.80
2.60
2.40
2.10
1.60
1.40
1.20
1.00
0.81
0.66
100
± 20
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ 30% at rated current
• IDC2(The temperature rise): △T = 25˚C at rated current
LPF6025 SERIES
SMD Shielded type
SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
Inductance
Inductance
Test
DC Resistance
Rated Current(A)
Ordering Code
(
µH)
TOL.(%)
Freq.
(
Ω)
±20%
IDC1
IDC2
(KHz)
(Max.)
(Ref.)
6.0
±0.2
3.8
±0.1
1.8
±0.1
3.0
2.0
1.9
2.8
±0.2
150
6.0
±0.2
• Inductance: Agilent 4284A LCR Meter (100KHz 0.5V)
• Rdc: HIOKI 3540 mΩ HiTESTER
• Bias Current: Agilent 4284A + Agilent 42841A
• IDC1(The saturation current): △L ≤ -30% reduction from nominal L value
• IDC2(The temperature rise): △T = 25˚C at rated current
LPF6028 SERIES
SMD Shielded type
SHAPES & DIMENSIONS
RECOMMENDED PCB PATTERN
(Dimensions in mm)
TEST EQUIPMENTS
-20 ~ +85˚C (Including self-generated heat)
OPERATING TEMPERATURE RANGE
ELECTRICAL CHARACTERISTICS
LPF6028T-1R5M
LPF6028T-4R7M
LPF6028T-6R8M
LPF6028T-100M
LPF6028T-150M
LPF6028T-220M
LPF6028T-330M
LPF6028T-470M
LPF6028T-680M
LPF6028T-101M
LPF6028T-151M
LPF6028T-181M
LPF6028T-221M
1.5
4.7
6.8
10
15
22
33
47
68
100
150
180
220
0.0145
0.0284
0.0354
0.0532
0.0745
0.1040
0.1480
0.2100
0.2900
0.4300
0.6500
0.8700
0.9800
3.00
1.60
1.50
1.30
1.00
0.77
0.69
0.59
0.50
0.42
0.34
0.31
0.26
3.70
3.00
2.90
2.80
2.30
1.60
1.30
1.10
0.80
0.64
0.60
0.42
0.40
100
± 20


Similar Part No. - LPF6028

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF6028 ABCO-LPF6028 Datasheet
47Kb / 1P
SMD SHIELDED TYPE
LPF6028 ABCO-LPF6028 Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6028T-100M ABCO-LPF6028T-100M Datasheet
47Kb / 1P
SMD SHIELDED TYPE
LPF6028T-100M ABCO-LPF6028T-100M Datasheet
103Kb / 1P
Shape & Dimensions / Recommended Solder Land Pattern
LPF6028T-101M ABCO-LPF6028T-101M Datasheet
47Kb / 1P
SMD SHIELDED TYPE
More results

Similar Description - LPF6028

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
LPF2015T-1R5M ABCO-LPF2015T-1R5M Datasheet
462Kb / 1P
SMD SHIELDED TYPE
LPF2010T-1R5M ABCO-LPF2010T-1R5M Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF1280T-1R0M ABCO-LPF1280T-1R0M Datasheet
450Kb / 1P
SMD SHIELDED TYPE
LPF1245T-1R5M ABCO-LPF1245T-1R5M Datasheet
455Kb / 1P
SMD SHIELDED TYPE
LPM1250 ABCO-LPM1250 Datasheet
448Kb / 1P
SMD SHIELDED TYPE
LPF7045-C ABCO-LPF7045-C Datasheet
452Kb / 1P
SMD SHIELDED TYPE
LPF7028 ABCO-LPF7028 Datasheet
451Kb / 1P
SMD SHIELDED TYPE
LPF4027 ABCO-LPF4027 Datasheet
453Kb / 1P
SMD SHIELDED TYPE
LPF4017 ABCO-LPF4017 Datasheet
456Kb / 1P
SMD SHIELDED TYPE
LPF3015 ABCO-LPF3015 Datasheet
463Kb / 1P
SMD SHIELDED TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com