Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3M Datasheet(PDF) 1 Page - Multicomp Pro

Part # RS3M
Description  Surface Mount Fast Recovery Glass Passivated Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

RS3M Datasheet(HTML) 1 Page - Multicomp Pro

  RS3M Datasheet HTML 1Page - Multicomp Pro RS3M Datasheet HTML 2Page - Multicomp Pro RS3M Datasheet HTML 3Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page <1>
V1.0
13/09/19
Surface Mount Fast Recovery
Glass Passivated Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features:
• Fast switching for high efficiency
• Low cost
• Diffused junction
• Low reverse leakage current
• Low forward voltage drop
• High current capability
• The plastic material carries UL recognition 94V-0
Mechanical Data:
Case
: Molded Plastic
Polarity
: Colour band denotes cathode
Weight
: 0.007 ounces, 0.21 grams
Mounting Position
: Any
Reverse Voltage
: 100 to 1000 Volts
Forward Current
: 3 Amperes
Notes:
1. Measured with If = 0.5A, Ir = 1A, Irr = 0.25A
2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3. Thermal resistance junction to ambient.
4. The typical data above is for reference only
Maximum Ratings and Electrical Characteristics:
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol
RS3B+
RS3G+ RS3M+
Unit
Max. Recurrent Peak Reverse Voltage
Vrrm
100
400
1000
V
Max. RMS Voltage
Vrms
70
280
700
Max. DC Blocking Voltage
Vdc
100
400
1000
Max. Average Forward
Rectified Current
Ta= 50°C
I(AV)
3
A
Peak Forward Surge Current,
8.3ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method )
Ifsm
100
Peak Forward Voltage at 3A DC
Vf
1.3
V
Max. DC Reverse Current at
Ta = 25°C
Rated DC Blocking Voltage at
Ta = 100°C
Ir
5
100
μA
Max. Reverse Recovery Time (Note 1)
Trr
150
500
nS
Typical Junction Capacitance (Note 2)
cj
65
40
pF
Typical Thermal Resistance (Note 3)
RθJA
15
°C/W
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TsTg


Similar Part No. - RS3M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3M SSE-RS3M Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3M DIODES-RS3M Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Fuji Electric
RS3M FUJI-RS3M Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
RS3M DIODES-RS3M Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
RS3M TSC-RS3M Datasheet
54Kb / 2P
3.0 AMPS. Fast Recovery Surface Mount Rectifiers
More results

Similar Description - RS3M

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FF1S GOOD-ARK-FF1S_15 Datasheet
228Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
FF1 GOOD-ARK-FF1 Datasheet
192Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
FF1S GOOD-ARK-FF1S Datasheet
373Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
L2F1-SL GOOD-ARK-L2F1-SL Datasheet
199Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1 GOOD-ARK-L3F1 Datasheet
194Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
L3F1-SL GOOD-ARK-L3F1-SL Datasheet
192Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
PF27 GOOD-ARK-PF27 Datasheet
383Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
PF151 GOOD-ARK-PF151 Datasheet
366Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
R12A GOOD-ARK-R12A Datasheet
366Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
RS1510FL GOOD-ARK-RS1510FL Datasheet
378Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com