Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH12003 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH12003
Description  HIGH FREQUENCY SECONDARY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH12003 Datasheet(HTML) 1 Page - STMicroelectronics

  STTH12003 Datasheet HTML 1Page - STMicroelectronics STTH12003 Datasheet HTML 2Page - STMicroelectronics STTH12003 Datasheet HTML 3Page - STMicroelectronics STTH12003 Datasheet HTML 4Page - STMicroelectronics STTH12003 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STTH12003TV
October 1999 - Ed: 4D
HIGH FREQUENCY SECONDARY RECTIFIER
®
Dual rectifiers suited for Switch Mode Power
Supply and high frequency DC to DC converters.
Packaged in ISOTOP, this device is intended for
use in low voltage, high frequency inverters, free
wheeling
operation,
welding
equipment
and
telecom power supplies.
DESCRIPTION
COMBINES HIGHEST RECOVERY AND
REVERSE VOLTAGE PERFORMANCE
ULTRA-FAST, SOFT AND NOISE-FREE
RECOVERY
INSULATED PACKAGE: ISOTOP
Insulated voltage: 2500 VRMS
Capacitance: < 45 pF
LOW INDUCTANCE AND LOW CAPACITANCE
ALLOW SIMPLIFIED LAYOUT
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
RMS forward current
150
A
IF(AV)
Average forward current
Tc = 85°C
δ = 0.5
Per diode
Per device
60
120
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
600
A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
5A
Tstg
Storage temperature range
- 55 to + 150
°C
Tj
Maximum operating junction temperature
150
°C
ABSOLUTE RATINGS (limiting values, per diode)
IF(AV)
2 x 60 A
VRRM
300 V
Tj (max)
150 °C
VF (max)
1 V
trr (max)
70 ns
MAJOR PRODUCT CHARACTERISTICS
A1
K1
K2
A2
A1
A2
K1
K2
ISOTOP
™
ISOTOP is a registered trademark of STMicroelectronics
1/5


Similar Part No. - STTH12003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH12003TV STMICROELECTRONICS-STTH12003TV Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH12003TV1 STMICROELECTRONICS-STTH12003TV1 Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
More results

Similar Description - STTH12003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH12003TV STMICROELECTRONICS-STTH12003TV Datasheet
57Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003TV STMICROELECTRONICS-STTH16003TV Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH20003TV STMICROELECTRONICS-STTH20003TV Datasheet
132Kb / 7P
HIGH FREQUENCY SECONDARY RECTIFIER
05-Sep-2006
STTH2003CT STMICROELECTRONICS-STTH2003CT Datasheet
132Kb / 8P
HIGH FREQUENCY SECONDARY RECTIFIER
Aug-2003
STTH3003CW STMICROELECTRONICS-STTH3003CW Datasheet
55Kb / 5P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH30R03CW STMICROELECTRONICS-STTH30R03CW Datasheet
78Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Jul-2002
STTH6003TV STMICROELECTRONICS-STTH6003TV Datasheet
72Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH803D STMICROELECTRONICS-STTH803D Datasheet
92Kb / 6P
HIGH FREQUENCY SECONDARY RECTIFIER
Oct-1999
STTH16003 STMICROELECTRONICS-STTH16003 Datasheet
110Kb / 7P
High frequency secondary rectifier
25-Jun-2008
STTH20L03CT STMICROELECTRONICS-STTH20L03CT Datasheet
177Kb / 9P
High frequency secondary rectifier
22-Jun-2012
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com