Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003CG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH2003CG
Description  300 V ultrafast rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003CG Datasheet(HTML) 5 Page - STMicroelectronics

  STTH2003CG Datasheet HTML 1Page - STMicroelectronics STTH2003CG Datasheet HTML 2Page - STMicroelectronics STTH2003CG Datasheet HTML 3Page - STMicroelectronics STTH2003CG Datasheet HTML 4Page - STMicroelectronics STTH2003CG Datasheet HTML 5Page - STMicroelectronics STTH2003CG Datasheet HTML 6Page - STMicroelectronics STTH2003CG Datasheet HTML 7Page - STMicroelectronics STTH2003CG Datasheet HTML 8Page - STMicroelectronics STTH2003CG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Figure 11. Thermal resistance, junction to ambient, versus
copper surface under tab (epoxy printed board FR4, eCu =
35µm) (D²PAK)
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
SCu(cm²)
Figure 12. Average forward current versus ambient
temperature (δ = 0.5, per diode)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
25
50
75
100
125
150
175
I
(A)
F(AV)
T
(°C)
amb
R
= R
th(j-a)
th(j-c)
TO-220AB / I²PAK / D²PAK
TO-220FPAB
STTH2003
Characteristics (curves)
DS1213 - Rev 12
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com