Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003CG-TR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STTH2003CG-TR
Description  300 V ultrafast rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003CG-TR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STTH2003CG-TR Datasheet HTML 8Page - STMicroelectronics STTH2003CG-TR Datasheet HTML 9Page - STMicroelectronics STTH2003CG-TR Datasheet HTML 10Page - STMicroelectronics STTH2003CG-TR Datasheet HTML 11Page - STMicroelectronics STTH2003CG-TR Datasheet HTML 12Page - STMicroelectronics STTH2003CG-TR Datasheet HTML 13Page - STMicroelectronics STTH2003CG-TR Datasheet HTML 14Page - STMicroelectronics STTH2003CG-TR Datasheet HTML 15Page - STMicroelectronics STTH2003CG-TR Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
2.4
TO-220FPAB package information
•
Epoxy meets UL 94,V0
•
Cooling method: by conduction (C)
•
Recommended torque value: 0.55 N·m
•
Maximum torque value: 0.70 N·m
Figure 17. TO-220FPAB package outline
STTH2003
TO-220FPAB package information
DS1213 - Rev 12
page 12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com