Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2003CR Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH2003CR
Description  300 V ultrafast rectifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2003CR Datasheet(HTML) 2 Page - STMicroelectronics

  STTH2003CR Datasheet HTML 1Page - STMicroelectronics STTH2003CR Datasheet HTML 2Page - STMicroelectronics STTH2003CR Datasheet HTML 3Page - STMicroelectronics STTH2003CR Datasheet HTML 4Page - STMicroelectronics STTH2003CR Datasheet HTML 5Page - STMicroelectronics STTH2003CR Datasheet HTML 6Page - STMicroelectronics STTH2003CR Datasheet HTML 7Page - STMicroelectronics STTH2003CR Datasheet HTML 8Page - STMicroelectronics STTH2003CR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
Characteristics
Table 1. Absolute ratings (limiting values, per diode, at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS) Forward rms current
30
A
IF(AV)
Average forward current δ = 0.5, square
wave
TO-220AB, D²PAK, I²PAK TC = 140 °C
Per diode
10
A
TO-220FPAB
TC = 115 °C
All types
Per device
20
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
110
A
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature
175
°C
Table 2. Thermal resistance parameters
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB, D²PAK, I²PAK
Per diode
2.5
°C/W
TO-220FPAB
4.6
TO-220AB, D²PAK, I²PAK
Total
1.3
TO-220FPAB
4.0
Rth(c)
Coupling
TO-220AB, D²PAK, I²PAK
0.1
°C/W
TO-220FPAB
3.5
For more information, please refer to the following application note:
AN5088: Rectifiers thermal management, handling and mounting recommendations
When the diodes 1 and 2 are used simultaneously:
ΔTj (diode1) = P(diode1) x Rth(j-c) (per diode) + P(diode2) x Rth(c)
Table 3. Static electrical characteristics (per diode)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR (1)
Reverse leakage current
Tj = 25 °C
VR = 300 V
-
20
µA
Tj = 125 °C
-
30
300
VF (2)
Forward voltage drop
Tj = 25 °C
IF = 10 A
-
1.25
V
Tj = 125 °C
-
0.85
1.0
1. Pulse test: tp = 5 ms, δ < 2%
2. Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses, use the following equation:
P = 0.75 x IF(AV) + 0.025 x IF 2 (RMS)
For more information, please refer to the following application notes related to the power losses:
STTH2003
Characteristics
DS1213 - Rev 12
page 2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com