Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH506D Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH506D
Description  Tandem 600V HYPERFAST BOOST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH506D Datasheet(HTML) 5 Page - STMicroelectronics

  STTH506D Datasheet HTML 1Page - STMicroelectronics STTH506D Datasheet HTML 2Page - STMicroelectronics STTH506D Datasheet HTML 3Page - STMicroelectronics STTH506D Datasheet HTML 4Page - STMicroelectronics STTH506D Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
STTH506DTI
5/5
Ordering code
Marking
Package
Weight
Base qty
Delivery mode
STTH506DTI
STTH506DTI
TO-220AC
2.3 g.
50
Tube
s
Cooling method: C
s
Recommended torque value: 0.8 N.m.
s
Maximum torque value: 1 N.m.
s
Epoxy meets UL94,V0
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not au-
thorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics.
All other names are the property of their respective owners.
© 2003 STMicroelectronics - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany -
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore - Spain -
Sweden - Switzerland - United Kingdom - United States
www.st.com
PACKAGE MECHANICAL DATA
TO-220AC
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ. Max. Min.
Typ. Max.
A
15.20
15.90 0.598
0.625
a1
3.75
0.147
a2
13.00
14.00 0.511
0.551
B
10.00
10.40 0.393
0.409
b1
0.61
0.88 0.024
0.034
b2
1.23
1.32 0.048
0.051
C
4.40
4.60 0.173
0.181
c1
0.49
0.70 0.019
0.027
c2
2.40
2.72 0.094
0.107
e
4.80
5.40 0.189
0.212
F
6.20
6.60 0.244
0.259
I
3.75
3.85 0.147
0.151
I4
15.80 16.40 16.80 0.622 0.646 0.661
L
2.65
2.95 0.104
0.116
l2
1.14
1.70 0.044
0.066
M
2.60
0.102
M
B
l4
C
b2
a2
l2
c2
b1
a1
A
F
L
I
e
c1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com