Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8003CY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH8003CY
Description  HIGH FREQUENCY SECONDARY RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8003CY Datasheet(HTML) 3 Page - STMicroelectronics

  STTH8003CY Datasheet HTML 1Page - STMicroelectronics STTH8003CY Datasheet HTML 2Page - STMicroelectronics STTH8003CY Datasheet HTML 3Page - STMicroelectronics STTH8003CY Datasheet HTML 4Page - STMicroelectronics STTH8003CY Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STTH8003CY
3/5
0
5
10
15
20
25
30
35
40
45
50
0
5
10
15
20
25
30
35
40
45
50
55
P(W)
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
IF(av) (A)
T
δ=tp/T
tp
Fig. 1: Conduction losses versus average current
(per diode)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
1
10
100
200
VFM(V)
IFM(A)
Tj=125°C
Typical values
Tj=125°C
Maximum values
Tj=25°C
Maximum values
Fig. 2: Forward voltage drop versus forward
current (per diode)
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 3: Relative variation of thermal impedance
junction to case versus pulse duration
0
50
100 150 200 250 300 350 400 450 500
0
5
10
15
20
25
dIF/dt(A/µs)
IRM(A)
VR=200V
Tj=125°C
IF=2 x IF(av)
IF=IF(av)
IF=0.5 x IF(av)
Fig. 4: Peak reverse recovery current versus
dIF/dt (90% confidence, per diode)
0
50
100 150 200 250 300 350 400 450 500
0.0
0.1
0.2
0.3
0.4
0.5
0.6
dIF/dt(A/µs)
S factor
VR=200V
Tj=125°C
Fig. 6: Softness factor (tb/ta) versus dIF/dt
(typical values, per diode)
0
50
100 150 200 250 300 350 400 450 500
0
20
40
60
80
100
120
140
160
180
dIF/dt(A/µs)
trr(ns)
VR=200V
Tj=125°C
IF=2 x IF(av)
IF=IF(av)
IF=0.5 x IF(av)
Fig. 5: Reverse recovery time versus dIF/dt
(90% confidence, per diode)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com