Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH803D Datasheet(PDF) 2 Page - STMicroelectronics

Part # STTH803D
Description  High frequency secondary rectifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH803D Datasheet(HTML) 2 Page - STMicroelectronics

  STTH803D Datasheet HTML 1Page - STMicroelectronics STTH803D Datasheet HTML 2Page - STMicroelectronics STTH803D Datasheet HTML 3Page - STMicroelectronics STTH803D Datasheet HTML 4Page - STMicroelectronics STTH803D Datasheet HTML 5Page - STMicroelectronics STTH803D Datasheet HTML 6Page - STMicroelectronics STTH803D Datasheet HTML 7Page - STMicroelectronics STTH803D Datasheet HTML 8Page - STMicroelectronics STTH803D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
STTH803
2/13
DocID5375 Rev 10
1
Characteristics
Table 2: Absolute ratings (limiting values at 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
300
V
IF(RMS)
Forward rms current
20
A
IF(AV)
Average forward current δ = 0.5, square wave
TC = 150 °C
8
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
100
A
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature
+ 175
°C
Table 3: Thermal parameter
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
2.5
°C/W
Table 4: Static electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR(1)
Reverse leakage current
Tj = 25 °C
VR = 300 V
-
20
µA
Tj = 125 °C
-
20
200
VF(2)
Forward voltage drop
Tj = 25 °C
IF = 8 A
-
1.25
V
Tj = 125 °C
-
0.85
1
Notes:
(1)Pulse test: tp = 5 ms, δ < 2%
(2)Pulse test: tp = 380 µs, δ < 2%
To evaluate the conduction losses use the following equation:
P = 0.75 x IF(AV) + 0.031 IF2(RMS)
Table 5: Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
Tj = 25 °C
IF = 0.5 A, Irr = 0.25 A, IR = 1
A
-
25
ns
IF = 1 A, dlF/dt = -50 A/µs,
VR = 30 V
-
35
tfr
Forward recovery time
Tj = 25 °C
IF = 8 A, dIF/dt = -100 A/µs,
VFR = 1.1 x VFmax
-
200
ns
VFP
Forward recovery
voltage
Tj = 25 °C
-
3.5
V
Sfactor
Softness factor
Tj = 125 °C
IF = 8 A, VCC = 200 V
dIF/dt = 200 A/µs
-
0.3
IRM
Reverse recovery
current
Tj = 125 °C
-
8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com