Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH8L06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH8L06
Description  Turbo 2 ultrafast high voltage rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH8L06 Datasheet(HTML) 3 Page - STMicroelectronics

  STTH8L06 Datasheet HTML 1Page - STMicroelectronics STTH8L06 Datasheet HTML 2Page - STMicroelectronics STTH8L06 Datasheet HTML 3Page - STMicroelectronics STTH8L06 Datasheet HTML 4Page - STMicroelectronics STTH8L06 Datasheet HTML 5Page - STMicroelectronics STTH8L06 Datasheet HTML 6Page - STMicroelectronics STTH8L06 Datasheet HTML 7Page - STMicroelectronics STTH8L06 Datasheet HTML 8Page - STMicroelectronics STTH8L06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STTH8L06
Characteristics
Doc ID 8373 Rev 6
3/11
Figure 1.
Conduction losses versus
average current
Figure 2.
Forward voltage drop versus
forward current
0
1
2
3
4
5
6
7
8
9
10
11
02468
10
T
δ=tp/T
tp
δ = 0.2
δ = 1
δ = 0.05
δ = 0.1
δ = 0.5
I
(A)
F(AV)
P(W)
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
T =150°C
(typical values)
j
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAC)
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
T
δ=tp/T
tp
Z/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
T
δ=tp/T
tp
t (s)
p
Single pulse
(TO-220AC, TO-220AC Ins, D PAK)
2
Figure 5.
Peak reverse recovery current
versus dIF/dt (typical values)
Figure 6.
Reverse recovery time versus
dIF/dt (typical values)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
0
20
40
60
80
100
120
140
160
180
200
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)
I =0.25 x I
F
F(AV)
V =400V
T =125°C
R
j
0
100
200
300
400
500
600
700
800
900
1000
0
20
40
60
80
100
120
140
160
180
200
t (ns)
rr
dI /dt(A/µs)
F
V =400V
T =125°C
R
j
I =2 x I
F
F(AV)
I=I
F
F(AV)
I =0.5 x I
F
F(AV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com